Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA7260QT/R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA7260QT/R2
Description  Using the Multi-Axis g-Select Evaluation Boards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7260QT/R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA7260QT/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7260QT/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Freescale Semiconductor, Inc., 2006. All rights reserved.
AN3109
Rev 2, 10/2006
Freescale Semiconductor
Application Note
Using the Multi-Axis g-Select Evaluation
Boards
by: Michelle Clifford and John Young
Applications Engineers
Tempe, AZ
INTRODUCTION
This application note describes the Accelerometer
Evaluation Boards for Freescale’s multi-axis g-Select
accelerometers.
The Accelerometer Evaluation Boards are small circuit
boards intended to be used for evaluating the accelerometers
and developing prototypes quickly without requiring a PCB to
be designed to accommodate for the small profile QFN
package. It also provides a means for understanding the best
mounting position and location of an accelerometer in your
product with provided board mounting points.
KIT3109 CIRCUIT DESCRIPTION
Figures 11 thru 13 are general circuit schematics of the
evaluation boards. The recommended decoupling capacitor at
the power source and recommended RC filter at each
accelerometer output, are included on the evaluation board.
For a complete description of the operation of the
accelerometer, refer to the respective datasheet. There is an
RC filter at each of the three accelerometer outputs in order to
minimize clock noise that may be present from the switched
capacitor filter circuit. No additional components are
necessary to use the evaluation board.
The evaluation boards have pads for interfacing to a 3.3 V
power source or battery. The pads on the side of the board
also provide a means for connecting to the accelerometer
analog output by soldering a wire from the evaluation board to
another breadboard or system. The ON/OFF switch enables
the power to the accelerometer and helps preserve battery life
if a battery is being used as the power source. S1 must be set
towards the ON position for the accelerometer to function. The
green LED labeled PWR is lit when power is supplied to the
accelerometer.
G-SELECT DIPSWITCH SETTINGS
The g-Select is a powerful feature on this series of
accelerometers allowing each single device to measure 4
different ranges of acceleration (see Table 1 and Table 2). The
g-Select allows one device to provide multiple applications in
one package. By adjusting the dip-switches on the evaluation
board, the accelerometer can toggle between the different
g-Ranges with the same accelerometer part. In application
designs, the g-Select pins would be connected to I/O pins of a
microcontroller. The following tables outline the g-Ranges that
the values of the g-Select pins correspond to.
Accelerometer
Part Number(1)
NOTES:
1. The “T” signifies parts shipped in trays. “R2” signifies parts shipped
in tape and reel.
Selectable
g-ranges
Axis
Evaluation Kit
Part Number(2)
2. The “E” signifies a RoHS compliant development tool.
MMA7260QT/R2 1.5g, 2g, 4g, 6g XYZ-Axis
KIT3109MMA7260QE
MMA7261QT/R2
2.5g, 3.3g,
6.7g, 10g
XYZ-Axis
KIT3109MMA7261QE
MMA6270QT/R2 1.5g, 2g, 4g, 6g XY-Axis
KIT3109MMA6270QE
MMA6271QT/R2
2.5g, 3.3g,
6.7g, 10g
XY-Axis
KIT3109MMA6271QE
MMA6280QT/R2 1.5g, 2g, 4g, 6g XZ-Axis
KIT3109MMA6280QE
MMA6281QT/R2
2.5g, 3.3g,
6.7g, 10g
XZ-Axis
KIT3109MMA6281QE
Table 1. g-Select Pin Descriptions for MMA7260QT,
MMA6270QT, and MMA6280QT
g-Select2
g-Select1
g-Range
Sensitivity
0
0
1.5g
800 mV/g
0
1
2g
600 mV/g
1
0
4g
300 mV/g
1
1
6g
200 mV/g
Table 2. g-Select Pin Descriptions for MMA7261QT,
MMA6271QT, and MMA6281QT
g-Select2
g-Select1
g-Range
Sensitivity
0
0
2.5g
480 mV/g
0
1
3.3g
360 mV/g
1
0
6.6g
180 mV/g
1
1
10g
120 mV/g


Similar Part No. - MMA7260QT/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT Datasheet
330Kb / 12P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT Datasheet
193Kb / 12P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7260QT NXP-MMA7260QT Datasheet
244Kb / 12P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
Rev 5, 03/2008
logo
Freescale Semiconductor...
MMA7260QT FREESCALE-MMA7260QT_07 Datasheet
330Kb / 12P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA7260QT/R2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDD408 IXYS-EVDD408 Datasheet
85Kb / 2P
Gate Driver IC Evaluation Boards
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
VCO Evaluation Boards
logo
STMicroelectronics
AN4509 STMICROELECTRONICS-AN4509 Datasheet
255Kb / 10P
Tilt measurement using a low-g 3-axis accelerometer
10-Jun-2014
logo
Analog Devices
ADA2200-EVALBRD AD-ADA2200-EVALBRD Datasheet
120Kb / 2P
There are two evaluation boards available for the ADA2200
Rev 11 Sep 2014 20:25
logo
STMicroelectronics
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
SPC570Sx microcontroller premium evaluation boards
16-Jun-2015
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
logo
NXP Semiconductors
AN3109 NXP-AN3109 Datasheet
1Mb / 9P
Using the Multi-Axis g-Select Evaluation Boards
Rev 2, 10/2006
AN3376 NXP-AN3376 Datasheet
183Kb / 6P
The MMA73x0L Analog Output Accelerometer Evaluation Boards
Rev 3, 08/2007
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
Compact Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com