Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7932PHPR.A Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC7932PHPR.A
Description  AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7932PHPR.A Datasheet(HTML) 3 Page - Texas Instruments

  AMC7932PHPR.A Datasheet HTML 1Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 2Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 3Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 4Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 5Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 6Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 7Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 8Page - Texas Instruments AMC7932PHPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
AMC7932FPHPR
Active
Production
HTQFP (PHP) | 48
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932F
AMC7932FPHPR.A
Active
Production
HTQFP (PHP) | 48
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932F
AMC7932FPHPT
Active
Production
HTQFP (PHP) | 48
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932F
AMC7932FPHPT.A
Active
Production
HTQFP (PHP) | 48
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932F
AMC7932FPHPTG4.A
Active
Production
HTQFP (PHP) | 48
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932F
AMC7932PHPR
Active
Production
HTQFP (PHP) | 48
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932
AMC7932PHPR.A
Active
Production
HTQFP (PHP) | 48
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932
AMC7932PHPT
Active
Production
HTQFP (PHP) | 48
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932
AMC7932PHPT.A
Active
Production
HTQFP (PHP) | 48
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
AMC7932
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and
makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com