Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUF04701 Datasheet(PDF) 2 Page - Texas Instruments

Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 2 Page - Texas Instruments

  BUF04701 Datasheet HTML 1Page - Texas Instruments BUF04701 Datasheet HTML 2Page - Texas Instruments BUF04701 Datasheet HTML 3Page - Texas Instruments BUF04701 Datasheet HTML 4Page - Texas Instruments BUF04701 Datasheet HTML 5Page - Texas Instruments BUF04701 Datasheet HTML 6Page - Texas Instruments BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
BUF07703
BUF06703
BUF05703
SBOS269C – MARCH 2003 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
BUF07703
HTSSOP-20
PWP
BUF07703
BUF06703
TSSOP
−16
PW
BUF06703
BUF05703
TSSOP
−14
PW
BUF05703
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
BUFxx703
UNIT
Supply, VDD
(2)
16.5
16.5
Input Voltage Range, VI
VDD
V
Continuous Total Power Dissipation
See Dissipation Ratings Table
Operating Free
−Air Temperature Range, TA
–40 to +85
°C
Maximum Junction Temperature, TJ
+150
°C
Storage Temperature Range, TSTG
−65 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. These are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
DISSIPATION RATINGS
qJC
qJA
TA ≤ +25°C
PACKAGE TYPE
PACKAGE DESIGNATOR
(°C/W)
(°C/W)
POWER RATING
TSSOP
−20 PowerPAD
PWP (20)
1.40(1)
32.63(1)
3.83W(1)
TSSOP
−16
PW (16)
—
108
1.15W
TSSOP
−14
PW (14)
—
112
1.11W
(1)
Thermal specifications assume 2oz. trace and copper pad with solder.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
Supply Voltage, VDD
4.5
16
V
Operating Free-Air Temperature, TA
–40
+85
°C
TSSOP-20 PowerPAD
+125
°C
Junction Temperature
TSSOP-16, 14
+150
°C
2
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com