Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACS102-5TA Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACS102-5TA
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102-5TA Datasheet(HTML) 7 Page - STMicroelectronics

  ACS102-5TA Datasheet HTML 1Page - STMicroelectronics ACS102-5TA Datasheet HTML 2Page - STMicroelectronics ACS102-5TA Datasheet HTML 3Page - STMicroelectronics ACS102-5TA Datasheet HTML 4Page - STMicroelectronics ACS102-5TA Datasheet HTML 5Page - STMicroelectronics ACS102-5TA Datasheet HTML 6Page - STMicroelectronics ACS102-5TA Datasheet HTML 7Page - STMicroelectronics ACS102-5TA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACS102-5Tx
7/8
AC
Switch
Gate
sensistivity
T = 5 mA
A = TO-92
1 = SO-8
ACS
1
02
-
5
T
X
-TR
Switch
Number
TR = SO-8 Tape & Reel
I
02 = 0.2A
TRMS
V
5 = 500V
DRM
ORDERING INFORMATION
PACKAGE OUTLINE MECHANICAL DATA
SO-8
REF.
DIMENSIONS
Millimetres
Inches
Min.
Max.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.1
0.25
0.004
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27 Typ.
0.05 Typ.
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.019
L
0.40
1.27
0.016
0.050
k
8° (max)
ddd
0.100
0.004
k
h x 45°
E
e
A
A2
B
D
8
4
1
5
H
L
C
(Seating
Plane)
0.25mm
(Gage Plane)
A1
ddd C
6.8
4.2
1.27
0.6
PACKAGE FOOT PRINT
SO-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com