Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KWM-R30881APGB Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # KWM-R30881APGB
Description  3.0*3.0mm (1.2") 8×8 Pure Green Dot Matrix LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-R30881APGB Datasheet(HTML) 4 Page - Lucky Light Electronic

  KWM-R30881APGB Datasheet HTML 1Page - Lucky Light Electronic KWM-R30881APGB Datasheet HTML 2Page - Lucky Light Electronic KWM-R30881APGB Datasheet HTML 3Page - Lucky Light Electronic KWM-R30881APGB Datasheet HTML 4Page - Lucky Light Electronic KWM-R30881APGB Datasheet HTML 5Page - Lucky Light Electronic KWM-R30881APGB Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Luckylight
Spec No: W12088A/B
Rev No: V.2
Date: Sep/08/2007
Page: 4 OF 6
Approved: JoJo
Checked: Sun
Drawn: Liu
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Absolute Maximum Ratings at Ta=25℃
Parameters
Symbol
Max.
Unit
Power Dissipation (Per dot)
PD
100
mW
Peak Forward Current (Per dot)
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
100
mA
Forward Current (Per dot)
IF
25
mA
Dating Linear From 25℃
0.4
mA/℃
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40℃ to +80℃
Storage Temperature Range
Tstg
-40℃ to +85℃
Soldering Temperature
Tsld
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol Min. Typ. Max. Unit
Test Condition
Luminous Intensity
IV
40.0 80.0
---
mcd IF=20mA (Note 1)
Luminous Intensity Matching Ratio
(dot To dot)
Iv-m
---
---
2:1
IF=10mA
Peak Emission Wavelength
λp
---
520
---
nm
IF=20mA
Dominant Wavelength
λd
---
525
---
nm
IF=20mA (Note 2)
Spectral Line Half-Width
△
λ
---
35
---
nm
IF=20mA
Forward Voltage
VF
---
3.2
4.0
V
IF=20mA
Reverse Current
IR
---
---
50
µA
VR=5V
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE eye-response curve.
2. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com