Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMXRT1160ACEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMXRT1160ACEC
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1160ACEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMXRT1160ACEC Datasheet HTML 35Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 36Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 37Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 38Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 39Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 40Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 41Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 42Page - NXP Semiconductors IMXRT1160ACEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 4, 06/2025
NXP Semiconductors
39
For additional information, see the i.MX RT1160 Reference Manual (IMXRT1160RM).
4.2.5
PLL’s electrical characteristics
This section provides PLL electrical characteristics.
NOTE
The output frequency of Audio PLL and Video PLL (including post divider
inside PLL module if there is) should be not greater than 1GHz on over drive
mode, 800MHz on normal drive mode and 480MHz on under drive mode.
The output frequency of Arm PLL (including post divider inside PLL
module if there is) should be not greater than 600MHz on over drive mode
and normal drive mode and not greater than 480MHz on under drive mode.
4.2.5.1
Audio/Video PLL’s electrical parameters
• DCDC Low power mode
—
5
—
A
—
Capacitor value
—
33
(DCDC_ANA)
66
(DCDC_DIG)
—
F
High frequency
capacitor are also
required.
Inductor value
—
4.7
—
H
—
• Saturation current
—
1
—
A
—
1 Values in this table are based on CZ test with limited matrix samples in lab environment.
Table 22. Audio/Video PLL’s electrical parameters
Parameter
Min
Typ
Max
Unit
Clock output range
650
—
1300
MHz
Reference clock
—
24
—
MHz
Lock time
—
—
11250
reference cycles
Period jitter (p2p)
—
50
—
ps
Duty cycle
48.5
—
51.5
%
Table 21. DCDC characteristics1
Description
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com