Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2058EX Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA2058EX
Description  Teseo GPS Platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058EX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA2058EX Datasheet HTML 6Page - STMicroelectronics STA2058EX Datasheet HTML 7Page - STMicroelectronics STA2058EX Datasheet HTML 8Page - STMicroelectronics STA2058EX Datasheet HTML 9Page - STMicroelectronics STA2058EX Datasheet HTML 10Page - STMicroelectronics STA2058EX Datasheet HTML 11Page - STMicroelectronics STA2058EX Datasheet HTML 12Page - STMicroelectronics STA2058EX Datasheet HTML 13Page - STMicroelectronics STA2058EX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
System block diagram
STA2058
10/20
3.3
Power supply pins
Note:
V33 and V33IO-PLL are all internally connected. Same for VSS and VSSIO-PLL.
All VSS, VSS18, VSSBKP, AVSS pins must be tied together to the common ground plane, taking
care of noise filtering, especially on AVSS
Table 3.
Power supply pins
Symbol
I/O
Function
LQFP 64
LFBGA 144
V33
-
Digital Supply Voltage for I/O circuitry (3.3 Volt)
9, 51
D2,A3,K3,F6,B9
, E9,B10
VSS
-
Digital Ground for I/O circuitry
4, 8, 44,
50, 59
D1,A2,F4,L4,M
4, F5, D7,E10
V33IO-PLL
-
Digital Supply Voltage for I/O circuitry and for PLL
reference (3.3V)
38
H12
VSSIO-PLL
-
Digital Ground for I/O circuitry and for PLL reference
39
H11
V33REG_B
KP
-
Digital Supply Voltage for backup block I/O circuitry
and for Ballast I/O (3.3V)
17
M2
VSSREG
-
Digital Ground for Ballast I/O
18
L3
V18
-
Digital Supply Voltage for core circuitry (1.8 Volt):
When using the Internal Voltage Regulator, this pin
shall not be driven by an external voltage supply, but
a capacitance of at least 10
μF (Tantalum, low series
resistance) + 33nF (ceramic) shall be connected
between these pins and VSS18 to guarantee on-chip
voltage stability.
27, 58
G6, H6,E7
VSS18
-
Digital Ground for core circuitry
28, 57
A9,L7
V18BKP
-
Digital Supply Voltage for Backup block (RTC,
oscillator, Wake-up controller - 1.8 Volt): when using
the Internal Voltage Regulator, this pin shall not be
driven by an external voltage supply, but a
capacitance of at least 1
μF shall be connected
between this pin and VSSBKP to guarantee on-chip
voltage stability.
26
J6,K6
VSSBKP
-
Digital Ground for Backup logic
25
L6
AVDD
-
Analog Supply Voltage for the A/D Converter
29
M9, M11
AVSS
-
Analog Supply Ground for the A/D Converter
30
J8,K8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com