Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90614ESF-DBB Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MLX90614ESF-DBB
Description  Single and Dual Zone
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614ESF-DBB Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MLX90614ESF-DBB Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 24Page - List of Unclassifed Manufacturers MLX90614ESF-DBB Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
8.6 Switching Between PWM and SMBus communication
8.6.1 PWM is enabled
The diagram below illustrates the way of switching to SMBus if PWM is enabled (factory programmed POR
default for MLX90614 is SMBus, PWM disabled). Note that the SCL pin needs to be kept high in order to use
PWM.
SCL
PWM/SDA
Start
Stop
t
REQ
PWM
SMBus
Figure 13: Switching from PWM mode to SMBus
8.6.2 Request condition
SCL
SMBus Request
t
REQ
Figure 14: Request (switch to SMBus) condition
If PWM is enabled, the MLX90614’s SMBus Request condition is needed to disable PWM and reconfigure
PWM/SDA pin before starting SMBus communication. Once PWM is disabled, it can be only enabled by
switching the supply Off-On or exit from Sleep Mode. The MLX90614’s SMBus request condition requires
forcing LOW the SCL pin for period longer than the request time (tREQ). The SDA line value is ignored in this
case.
8.6.3 PWM is disabled
If PWM is disabled by means of EEPROM the PWM/SDA pin is directly used for the SMBus purposes after
POR.
Request condition should not be sent in this case.
3901090614
Page 21 of 40
Data Sheet
Rev 003
03/Oct/2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com