Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM1011-300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM1011-300
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-300 Datasheet(HTML) 1 Page - STMicroelectronics

  AM1011-300 Datasheet HTML 1Page - STMicroelectronics AM1011-300 Datasheet HTML 2Page - STMicroelectronics AM1011-300 Datasheet HTML 3Page - STMicroelectronics AM1011-300 Datasheet HTML 4Page - STMicroelectronics AM1011-300 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
.400x.6002L FL (M207)
hermetically sealed
.
REFRACTORY/GOLD METALL IZATION
.
EMITTER SITE BALLASTING
.
LOW RF THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 325 W MIN. WITH 7.7 dB GAIN
.
1030/1090 MHZ OPERATION
DESCRIPTION
The AM1011-300 is a rugged, Class C common
base device specifically designed for new Mode-
S interrogator and transponder applications.
Minimal amplitude droop over the heavy Mode-S
pulse burst is guarante ed by a thermal design in-
corporating an overlay site-ballasted die geome-
try.
PIN CONNECTION
BRANDING
AM1011-300
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Un it
PDISS
Power Dissipation
(TC
≤100°C)*
1070
W
IC
Device Current*
36
A
VCC
Collector-Supply Voltage*
43
V
TJ
Junction Temperature (Pulsed RF operation)
+250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.14
°C/W
*Applies only to rated RF amplifier operation.
AM1011-300
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
O RDER CODE
AM1011-300
December 9, 1997
1/5


Similar Part No. - AM1011-300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1011-070 STMICROELECTRONICS-AM1011-070 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
Sep-1992
AM1011-075 STMICROELECTRONICS-AM1011-075 Datasheet
64Kb / 4P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
logo
Advanced Semiconductor
AM1011-075 ASI-AM1011-075 Datasheet
83Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
AM1011-400 STMICROELECTRONICS-AM1011-400 Datasheet
92Kb / 6P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1011-500 STMICROELECTRONICS-AM1011-500 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
rev. A
More results

Similar Description - AM1011-300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com