Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB1106-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB1106-Q1
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1106-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1106-Q1 Datasheet HTML 4Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 5Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 6Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 7Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 8Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 9Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 10Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 11Page - Texas Instruments TUSB1106-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TUSB1106-Q1
SCAS916
– AUGUST 2011
www.ti.com
STATIC ELECTRICAL CHARACTERISTICS
– DIGITAL PINS
over recommended ranges of operating free-air temperature and supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC(I/O)
MIN
MAX
UNIT
VIL
LOW-level input voltage
1.65 V to 3.6 V
0.3 VCC(I/O)
V
VIH
HIGH-level input voltage
1.65 V to 3.6 V
0.6 VCC(I/O)
V
IOL = 100 μA
0.15
1.65 V to 3.6 V
IOL = 2 mA
0.4
IOL = 100 μA
0.15
1.8 V
± 0.15 V
IOL = 2 mA
0.4
VOL
LOW-level output voltage
V
IOL = 100 μA
0.15
2.5 V
± 0.2 V
IOL = 2 mA
0.4
IOL = 100 μA
0.15
3.3 V
± 0.3 V
IOL = 2 mA
0.4
IOH = 100 μA
VCC(I/O) – 0.15
1.65 V to 3.6 V
IOH = 2 mA
VCC(I/O) – 0.4
IOH = 100 μA
1.5
1.8 V
± 0.15 V
IOH = 2 mA
1.25
VOH
HIGH-level output voltage
V
IOH = 100 μA
2.15
2.5 V
± 0.2 V
IOH = 2 mA
1.9
IOH = 100 μA
2.85
3.3 V
± 0.3 V
IOH = 2 mA
2.6
ILI
Input leakage current
–1
1
μA
CIN
Input capacitance
Pin to GND
3.5
pF
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TUSB1106-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com