Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB9260PVP Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB9260PVP
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9260PVP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB9260PVP Datasheet HTML 7Page - Texas Instruments TUSB9260PVP Datasheet HTML 8Page - Texas Instruments TUSB9260PVP Datasheet HTML 9Page - Texas Instruments TUSB9260PVP Datasheet HTML 10Page - Texas Instruments TUSB9260PVP Datasheet HTML 11Page - Texas Instruments TUSB9260PVP Datasheet HTML 12Page - Texas Instruments TUSB9260PVP Datasheet HTML 13Page - Texas Instruments TUSB9260PVP Datasheet HTML 14Page - Texas Instruments TUSB9260PVP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TUSB9260
www.ti.com
SLLS962D
– DECEMBER 2009 – REVISED MAY 2011
4
SIGNAL DESCRIPTIONS
Table 4-1. I/O Definitions
I/O TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input - Output
PU
Internal pull-up resistor
PD
Internal pull-down resistor
PWR
Power signal
Table 4-2. Clock and Reset Signals
TERMINAL
I/O
DESCRIPTION
PIN
NAME
NO.
I
Global power reset. This reset brings all of the TUSB9260 internal registers to their default
GRSTz
4
PU
states. When GRSTz is asserted, the device is completely nonfunctional.
Crystal input. This terminal is the crystal input for the internal oscillator. The input may alternately
XI
52
I
be driven by the output of an external oscillator. When using a crystal a 1-M
Ω feedback resistor
is required between X1 and XO.
Crystal output. This terminal is the crystal output for the internal oscillator. If XI is driven by an
XO
54
O
external oscillator this pin may be left unconnected. When using a crystal a 1-M
Ω feedback
resistor is required between X1 and XO.
Frequency select. These terminals indicate the oscillator input frequency and are used to
configure the correct PLL multiplier. The field encoding is as follows:
FREQSEL[1]
FREQSEL[0]
INPUT CLOCK FREQUENCY
I
0
0
Reserved
FREQSEL[1:0]
31, 30
PU
0
1
Reserved
1
0
Reserved
1
1
40 MHz
Table 4-3. SATA Interface Signals(1)
TERMINAL
I/O
DESCRIPTION
PIN
NAME
NO.
SATA_TXP
57
O
Serial ATA transmitter differential pair (positive)
SATA_TXM
56
O
Serial ATA transmitter differential pair (negative)
SATA_RXP
60
I
Serial ATA receiver differential pair (positive)
SATA_RXM
59
I
Serial ATA receiver differential pair (negative)
(1)
Note that the default firmware and reference design for the TUSB9260 have the SATA TXP/TXM swapped for ease of routing in the
reference design. If you plan to use the TI default firmware please review the reference design in the TUSB9260 DEMO User
’s Guide
(SLLU131) for proper SATA connection.
Copyright
© 2009–2011, Texas Instruments Incorporated
SIGNAL DESCRIPTIONS
11
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com