Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUA5544DIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA5544DIR1
Description  Class AB Stereo Headphone Driver with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA5544DIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA5544DIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA5544DIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EUA5544
DS5544 Ver 2.4 Oct.2007
1
Class AB Stereo Headphone Driver
with Shutdown
DESCRIPTION
The EUA5544 is pin compatible with the BH3541/4, and
functionally compatible with the TPA611× series and
LM488 × series. As the EUA5544 contains advanced
depop circuitry which eliminates pops & clicks during
shutdown-on and shutdown-off, it can reduces a capacitor
and resistor compared to Mute solution of other devices.
The EUA5544 features an advantage of low-power
consumption shutdown mode, activated by driving the
shutdown pin with logic low. And it also allows fast
turn-on with 1µF bypass capacitor (CB).
The EUA5544 is an integrated class AB stereo headphone
amplifier capable of delivering 68mW per channel of
continuous average power into a 16Ω load or 35mW per
channel into a 32Ω load from a 5V power supply. It also
can operate from a 3V supply, capable of delivering 24
mW into a 32Ω load.
The EUA5544 further integrates a voltage divider inside
the chip. Thus, the external resistors can be eliminated.
The EUA5544 has a fixed gain of 6dB so that external
gain setting is unnecessary.
FEATURES
No Switch On/Off Clicks
Wide Power Supply Operation 2.5V– 6V
Mute Function Compatibility
High Signal-to-Noise Ratio
Low Distortion
Large Output Voltage Swing
Excellent Power Supply Ripple Rejection
High Crosstalk Immunity>85dB
Low Quiescent Current
Ultra-low Shutdown Current …0.02µA typical
Short-circuit Protection
Integrated Voltage Divider (VDD/2) to Eliminate
External Resistors
Available in SOP-8
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Headphone Amplifier for CD-ROMs
Portable Audio Equipment
Typical Application Circuit


Similar Part No. - EUA5544DIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
EUA5202QIR0 EUTECH-EUA5202QIR0 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
EUA5202QIR1 EUTECH-EUA5202QIR1 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
EUA5202QIT0 EUTECH-EUA5202QIT0 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
EUA5202QIT1 EUTECH-EUA5202QIT1 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
More results

Similar Description - EUA5544DIR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com