Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3919 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3919
Description  Adafruit NeoPixel LED Strip with 3-pin JST Connector - 60 LED/meter / 0.5 Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3919 Datasheet(HTML) 2 Page - Adafruit Industries

  3919 Datasheet HTML 1Page - Adafruit Industries 3919 Datasheet HTML 2Page - Adafruit Industries 3919 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NeoPixels are addressable LEDs. That means, there are 60 RGB LEDs per meter and
the strip is half a meter long so you get 30 individually-controlled RGB LEDs! You
can set the color of each LED's red, green and blue component with 8-bit PWM
precision (so 24-bit color per pixel). The LEDs are controlled by shift-registers that
are chained up down the strip so you can shorten the strip if you like by cutting it.
Only 1 digital output pin are required to send data down. The PWM is built into each
LED-chip so once you set the color you can stop talking to the strip, and it will
continue to PWM all the LEDs for you
The strip is made of flexible PCB material, and comes in a weatherproof sheathing.
You can cut this stuff pretty easily with wire cutters. Of course, you can also
connect strips together to make them longer, just watch how much current you
need! We have a 5V/2A supply that is able to drive this strip but chances are you
will power these short strips direct from your microcontroller board. You must use
a 3-5V DC power supply to power these strips, do not use higher than 6V or you
can destroy the entire strip– yikes!
These LEDs use about 4.8 Watts max (~1 Amps @ 5V) per meter. The max rating is
assuming all the LEDs are on full white, usually the actual current for colorful
design is less than 1/3 of the max current. A good power supply is key!
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any
shape and size. Including ready-to-go library & example code for Arduino
compatibles. You can also use these strips with MakeCode or CircuitPython using
the NeoPixel software support.
TECHNICAL DETAILS
Dimensions with sheathing: 500 x 14 x 6mm
60 LEDs per meter
Removable IP20/65 weatherproof casing
Maximum 5V @ 60mA draw per LED (all LEDs on full brightness)
5VDC power requirement (do not exceed 6VDC) - no polarity protection
1 integrated RGB LEDs per segment, individually controllable
LED type: SK6812
LED wavelengths: 630nm/530nm/475nm
Connector: 3-pin JST PH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com