Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUP2571VCIR1 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP2571VCIR1
Description  White LED Step-Up Converter In Tiny SOT-23 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2571VCIR1 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP2571VCIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EUP2571
DS2571
Ver1.1
May. 2007
4
Absolute Maximum Ratings
Supply Voltage ,VIN -----------------------------------------------------------------
-0.3V to 6V
LX,OUT
-----------------------------------------------------------------------------
-0.3V to 30V
The Other Pins
----------------------------------------------------------------------
-0.3V to 6V
Power dissipation, PD@ TA=25°C
SOT23-6 -------------------------------------------------------------------------------
0.4W
Package Thermal Resistance
SOT23-6,θJA -------------------------------------------------------------------------
250°C/W
Maximum Junction Temperature ---------------------------------------------------
125°C
Lead Temperature (Soldering, 10sec.) ---------------------------------------------
260°C
Storage Temperature Range ------------------------------------------------------- -65°C to 150°C
Operating Conditions
Junction Temperature Range ---------------------------------------------------
-40°C to 125°C
Supply Voltage , VIN-----------------------------------------------------------------
2.6V to 5.5V
Electrical Characteristics
(VIN =3.6V, VOUT=12V, COUT=1µF, CIN=1µF, RSENSE=12Ω, TA=-40°C to 85°C. Unless otherwise noted.
Typical values are at TA= 25°C)
EUP2571
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
Supply Voltage
--
--
6
V
UVLO
Under voltage Lock Out
VIN rising or falling
2.2
2.4
2.6
V
Maximum Output Voltage
--
--
26
V
ICC1
Supply Current
VCC=6V, Continuous Switching
--
0.8
1.5
mA
ICC2
Quiescent Current
VCC=6V, FB=1.3V, No Switching
--
115
250
µA
ICC3
Shut Down current
VCC=6V, VEN<0.4V
--
0.1
1
µA
Oscillator
Fosc
Operation Frequency
0.8
1.1
1.3
MHz
Dmax
Maximum Duty Cycle
89
92
96
%
Reference Voltage
TA=25℃
237
250
263
VFB
Feedback Voltage
TA=-40°C to 85°C
230
250
270
mV
MOSFET
Rds (on) On resistance of MOSFET
--
1.05
1.5
Ω
ILX
Current Limit
0.4
0.75
1.2
A
Control and Protection
VEN1
Shut Down Voltage
0.4
0.7
--
V
VEN2
Enable Voltage
--
0.7
1.2
V
IEN
EN Pin Pull Low Current
--
--
0.1
µA
Falling
24.5
25.7
26.5
OVP
OVP Threshold
Rising
26.1
27.3
28.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com