Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3ATPFPEP Datasheet(PDF) 1 Page - Texas Instruments

Part # TSB41BA3ATPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSB41BA3ATPFPEP Datasheet(HTML) 1 Page - Texas Instruments

  TSB41BA3ATPFPEP Datasheet HTML 1Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 2Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 3Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 4Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 5Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3ATPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
TSB41BA3A-EP
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SGLS253B—OCTOBER 2004—REVISED MAY 2011
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40°C to 110°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Fully Supports Provisions of IEEE
1394b-2002 at S100, S100B, S200, S200B,
S400, and S400B Signaling Rates
(B Signifies 1394b Signaling)
D Fully Supports Provisions of IEEE
1394a-2000 and 1394-1995 Standards for
High-Performance Serial Bus
D Fully Interoperable With Firewire™,
DTVLink, SB1394, DishWire, and i.LINK™
Implementation of IEEE Std 1394
D Provides Three Fully Backward
Compatible, (1394a-2000 Fully Compliant)
Bilingual 1394b Cable Ports at
400 Megabits per Second (Mbps)
D Same Three Fully Backward Compatible
Ports Are 1394a-2000 Fully Compliant
Cable Ports at 100/200/400 Mbps
D Full 1394a-2000 Support Includes:
− Connection Debounce
− Arbitrated Short Reset
− Multispeed Concatenation
− Arbitration Acceleration
− Fly-By Concatenation
− Port Disable/Suspend/Resume
− Extended Resume Signaling for
Compatibility With Legacy DV Devices
D Power-Down Features to Conserve Energy
in Battery Powered Applications
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Low-Power Automotive Sleep Mode
Support
D Fully Compliant With Open Host Controller
Interface (OHCI) Requirements
D Cable Power Presence Monitoring
D Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
D Register Bits Give Software Control of
Contender Bit, Power Class Bits, Link
Active Control Bit, and 1394a-2000
Features
D Data Interface to Link-Layer Controller
Pin-Selectable From 1394a-2000 Mode
(2/4/8 Parallel Bits at 49.152 MHz) or 1394b
Mode (8 Parallel Bits at 98.304 MHz)
D Interface to Link-Layer Controller Supports
Low-Cost Texas Instruments Bus-Holder
Isolation
D Interoperable With Link-Layer Controllers
Using 3.3-V Supplies
D Interoperable With Other 1394 Physical
Layers (PHYs) Using 1.8-V, 3.3-V, and 5-V
Supplies
D Low-Cost 49.152-MHz Crystal Provides
Transmit and Receive Data at
100/200/400 Mbps and Link-Layer
Controller Clock at 49.152 MHz and
98.304 MHz
D Separate Bias (TPBIAS) for Each Port
D Low-Cost, High-Performance, 80-Pin TQFP
(PFP) Thermally Enhanced Package
D Software Device Reset (SWR)
D Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Ports
to Ensure That the TSB41BA3A-EP Does
Not Load the TPBIAS of Any Connected
Device and Blocks Any Leakage From the
Port Back to Power Plane
D 1394a-2000-Compliant Common-Mode
Noise Filter on the Incoming Bias Detect
Circuit to Filter Out Cross-Talk Noise
D Cable/Transceiver Hardware Speed and
Port Mode Are Selectable by Pin States
Copyright © 2005 − 2011, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.
i.LINK is a trademark of Sony Kabushiki Kaisha TA Sony Corporation.
FireWire is a trademark of Apple Computer, Inc. PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TSB41BA3ATPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41BA3ATPFPEP TI1-TSB41BA3ATPFPEP Datasheet
799Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3ATPFPEP TI1-TSB41BA3ATPFPEP Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41BA3ATPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com