Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH325-3/-4 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH325-3/-4
Description  Silicon NPN Phototransistor in SMT SIDELED짰-Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH325-3/-4 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH325-3/-4 Datasheet HTML 1Page - OSRAM GmbH SFH325-3/-4 Datasheet HTML 2Page - OSRAM GmbH SFH325-3/-4 Datasheet HTML 3Page - OSRAM GmbH SFH325-3/-4 Datasheet HTML 4Page - OSRAM GmbH SFH325-3/-4 Datasheet HTML 5Page - OSRAM GmbH SFH325-3/-4 Datasheet HTML 6Page - OSRAM GmbH SFH325-3/-4 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 325
SFH 325 FA
NPN-Silizium-Fototransistor im SMT SIDELED
®-Gehäuse
Silicon NPN Phototransistor in SMT SIDELED
®-Package
SFH 325
SFH 325 FA
2001-09-12
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 380 nm bis 1150 nm (SFH 325) und bei
880 nm (SFH 325 FA)
• Hohe Linearität
• P-LCC-2 Gehäuse
• Gruppiert lieferbar
• Nur für Reflow IR-Lötung geeignet.
Anwendungen
• Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
• Lochstreifenleser
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
Typ
Type
Bestellnummer
Ordering Code
SFH 325
Q6
1)2702-P1638
1)
SFH 325 FA
Q62702-P1639
SFH 325-3
Q62702-P1610
SFH 325 FA-3
Q62702-P1724
SFH 325-3/-4
Q62702-P3604
SFH 325 FA-3/-4
Q62702-P3603
SFH 325-4
Q62702-P1611
SFH 325 FA-4
Q62702-P1615
Features
• Especially suitable for applications from
380 nm to 1150 nm (SFH 325) and of 880 nm
(SFH 325 FA)
• High linearity
• P-LCC-2 package
• Available in groups
• Suitable only for reflow IR soldering.
Applications
• Miniature photointerrupters
• Punched tape readers
• Industrial electronics
• For control and drive circuits


Similar Part No. - SFH325-3/-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH325-3 SIEMENS-SFH325-3 Datasheet
278Kb / 5P
NPN-Silizium-Fototransistor im SMT SIDELEDa-Gehause Silicon NPN Phototransistor in SMT SIDELEDa-Package
More results

Similar Description - SFH325-3/-4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP522 OPTEK-OP522 Datasheet
300Kb / 4P
Silicon Phototransistor in Miniature SMT Package
logo
OSRAM GmbH
SFH3219 OSRAM-SFH3219 Datasheet
64Kb / 7P
Silicon NPN Phototransistor in SMT-Package with lens
Q65110A2486 OSRAM-Q65110A2486 Datasheet
203Kb / 10P
NPN-Silizium-Fototransistor im SMT SIDELED짰-Gehause Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH320FA OSRAM-SFH320FA Datasheet
406Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package Version 1.4
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
Silicon NPN Phototransistor in SMT Package
SFH-3211-FA OSRAM-SFH-3211-FA Datasheet
409Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰 RG-Package
SFH-320 OSRAM-SFH-320 Datasheet
414Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
logo
TT Electronics.
OP522 TTELEC-OP522 Datasheet
295Kb / 4P
Silicon Phototransistor in Miniature SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com