Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR6225-XX-AF5-F-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UR6225-XX-AF5-F-R
Description  POSITIVE VOLTAGE REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225-XX-AF5-F-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UR6225-XX-AF5-F-R Datasheet HTML 9Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 10Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 11Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 12Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 13Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 14Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 15Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 16Page - Unisonic Technologies UR6225-XX-AF5-F-R Datasheet HTML 17Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 19
www.unisonic.com.tw
QW-R502-030,G
TYPICAL CHARACTERISTIC(Cont.)
(4) SUPPLY CURRENT VS. INPUT VOLTAGE
UTC UR6225-5.0V
0
3
2
1
02
410
6
8
UTC UR6225-5.0V
2.50
2.25
56
710
8
9
2.00
1.75
1.50
Input Voltage, VIN(V)
85
℃
TOPR=25℃
-20
℃
85
℃
-20
℃
TOPR=25℃
Input Voltage, VIN(V)
UTC UR6225-4.0V
0
3
2
1
02
410
6
8
UTC UR6225-4.0V
2.50
2.25
56
710
8
9
2.00
1.75
1.50
4
Input Voltage, VIN(V)
85
℃
TOPR=25℃
-20
℃
85
℃
TOPR=25℃
-20
℃
Input Voltage, VIN(V)
UTC UR6225-3.0V
0
3
2
1
02
410
6
8
UTC UR6225-3.0V
2.50
2.25
34
610
7
9
2.00
1.75
1.50
8
5
Input Voltage, VIN(V)
85
℃
TOPR=25℃
-20
℃
85
℃
TOPR=25℃
-20
℃
Input Voltage, VIN(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com