Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GOT318W-521-R-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT318W-521-R-DC
Description  18.5" FHD TFT Multi-touch Panel Computer with LGA1151 9th/8th Gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® Processor (up to 35W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT318W-521-R-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT318W-521-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT318W-521-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT318W-521-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Heavy-duty Fanless Touch Panel Computers
GOT318W-521
18.5" FHD TFT Multi-touch Panel Computer with LGA1151 9th/8th Gen Intel® Core™ i7/i5/i3, Intel®
Pentium® Gold or Intel® Celeron® Processor (up to 35W)
6
11
1
2
3 4
5
7 8
9
10 12
14
13
1. Power button
2. Phoenix small type connector
3. Grounding hole
4. Remote power switch
5. AT/ATX switch
6. Optional flexible I/O
(default 1 x RS-232)
7. 2 x USB 2.0
8. 2 x USB 3.0
9. 2 x LAN
10. 1 x COM for RS-232/422/485
11. 1 x DP
12. 1 x HDMI
13. 1 x Line-out
14. 1 x VGA
Rear view
Introduction
The GOT318W-521 is a fanless panel PC with 18.5-inch FHD LCD and supports LGA1151 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel®
Celeron® processor (up to 35W). It also provides M.2 Key E and PCI Express Mini Card slots for add-on devices such like Wi-Fi module for factory automation and
oil pipe monitoring system.
18.5-inch FHD LCD with PCT or Resistive Touch
The 18.5" FHD touch panel PC supports 500 nits brightness to display contents in FHD resolution. With projected capacitive multi-touch screen or 5-wire resistive
touch, users can operate the device directly and friendly. The touch glass surface is up to 3H for anti-scratch purpose.
Features
● 18.5" FHD projected capacitive multi-touch or 5-wire resistive touch
● Fanless design with LGA1151 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® processor
● Supports WLAN module and antenna (optional)
● 2.5" SATA HDD/SSD
● 2 LAN, 4 USB, 2 COM, 1 HDMI, 1 DisplayPort, and 1 VGA
● IP65-rated aluminum front bezel
● Supports panel mount, VESA mount, and wall mount
Fanless
Dual-View
DDR4
USB 3.0
IP65


Similar Part No. - GOT318W-521-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT318WL-845 AXIOMTEK-GOT318WL-845 Datasheet
392Kb / 2P
18.5 WXGA TFT Multi-touch Panel Computer with Intel짰 Pentium짰 Processor
GOT318WL-845-FR-DC AXIOMTEK-GOT318WL-845-FR-DC Datasheet
427Kb / 3P
18.5" WXGA TFT Multi-touch Panel Computer with Intel® Pentium® Processor N3710
Apr. 08, 2025.
GOT318WL-845-PCT AXIOMTEK-GOT318WL-845-PCT Datasheet
427Kb / 3P
18.5" WXGA TFT Multi-touch Panel Computer with Intel® Pentium® Processor N3710
Apr. 08, 2025.
More results

Similar Description - GOT318W-521-R-DC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1881WP ADVANTECH-TPC-1881WP Datasheet
745Kb / 2P
18.5" HD TFT LED LCD Multi-Touch Panel Computer with 4th Gen. Intel® Core™ i3/ i7 Processor
5-Jan-2021
TPC-1881WPH ADVANTECH-TPC-1881WPH Datasheet
784Kb / 2P
18.5 FHD TFT LED LCD Intel® 4th Generation Core i5 Multi-Touch Panel Computer
5-Jan-2021
AIMB-706 ADVANTECH-AIMB-706 Datasheet
594Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, SATA 3.0, USB 3.1 & 6 COMs
3-Jan-2023
AIMB-786 ADVANTECH-AIMB-786 Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
logo
AAEON Technology
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
GENE-WHU6 AAEON-GENE-WHU6 Datasheet
582Kb / 2P
3.5” SubCompact Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/25
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com