Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIO-CSJGIN5/2 Datasheet(PDF) 42 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN5/2 Datasheet(HTML) 42 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN5/2 Datasheet HTML 38Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 39Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 40Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 41Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 42Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 43Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 44Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 46Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
40
DUMMY RECEPTACLES – FOR PT, SP, MS/PT
Shell
Size
K
±.010
M
+.030
–.000
N
+.001
–.005
Proprietary Version
MS Version
R
±.005
S
±.010
R1
(TP)
S1
(TP)
8
.062
.462
.473
.734
1.047
.594
.828
10
.062
.462
.590
.812
1.125
.719
.954
12
.062
.462
.750
.938
1.250
.812
1.047
14
.062
.462
.875
1.031
1.344
.906
1.141
16
.062
.462
1.000
1.125
1.438
.969
1.234
18
.062
.462
1.125
1.203
1.516
1.062
1.328
20
.062
.556
1.250
1.297
1.672
1.156
1.453
22
.062
.556
1.375
1.375
1.750
1.250
1.578
24
.062
.589
1.500
1.500
1.875
1.375
1.703
How to Order Proprietary Dummy Receptacles:
10-150921-XX X
Add desired shell size
Add desired finish suffix†
“FL” designates gray zinc nickel
“3” designates olive drab cadmium
“5” designates Alumilite®
How to Order MS Version Dummy Receptacles: MS3115-XX X
Add desired shell size
Add desired finish suffix†
-A designates Alumilite®
-L designates electroless nickel
-W designates olive drab cadmium
PT & SP
accessories – dummy receptacles, “O” rings,
plastic dust caps
DUMMY RECEPTACLE
FOR PT, SP, MS/PT CONNECTORS
MS3115-XXX
10-150921-XXX
How to Order Plastic Dust Caps:
To the basic order number add the dust cap size to
match connector plug or receptacle shell size, as
shown in the tables above.
Example: 10-70506-12 would be the correct order
number for a plastic dust cap for a PT00 receptacle,
shell size 10.
All dimensions for reference only.
FOR PT, SP
Shell
Size
Plug
Plastic Dust Cap
Receptacle
Plastic Dust Cap
6
10-70500-8
10-70506-8S
8
10-70506-12
10-70506-10
10
10-70500-12
10-70506-12
12
10-70506-16
10-70506-14
14
10-70506-18
10-70506-16
16
10-70506-20
10-70506-18
18
10-70506-22
10-70506-20
20
10-70506-24
10-79506-22
22
10-70524-1
10-70506-24
24
10-70506-28
10-70524-1
PLASTIC DUST CAPS
S
S¹
S
S¹
R
R¹
R
R¹
N
M
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com