Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIO-CSJGIN5/4 Datasheet(PDF) 27 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN5/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN5/4 Datasheet(HTML) 27 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN5/4 Datasheet HTML 23Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 24Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 25Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 26Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 27Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 28Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 29Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 30Page - Amphenol Industrial Products Group. AIO-CSJGIN5/4 Datasheet HTML 31Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
25
PT, SP
To more easily illustrate ordering procedure, part number PT00A-20-41PW(SR) is
shown as follows:
PT
00
A - 20 - 41
P
W (SR)
1
2
3
4
5
6
7
8
See code below:
1. Connector Type
“PT” designates standard olive drab, electrically conductive cadmium plate
bayonet lock connector with solder contacts
“SP” designates electrically non-conductive, hard anodic coated bayonet lock
connector with solder contacts and larger flange and mounting holes for
back panel mounting
“PTG” designates plug with grounding fingers
2. Shell Style
“00” designates wall mounting receptacle
“01” designates cable connecting receptacle**
“02” designates box mounting receptacle
“06” designates straight plug
“07” designates jam nut receptacle
“08” designates 90 degree plug cable support
“B”
designates thru bulkhead receptacle (pressurized)
“
I”
designates solder mount receptacle (Hermetic only)
3. Service Classes
“A”
designates general duty back shell
“C”
designates pressurized receptacle
“E”
designates environmental resisting open wire seal with grommet and nut
“P”
designates assembly with potting boot
“PG” designates adapter for cable gland for moisture proofing jacketed cables
“H”
designates hermetic* without interfacial seal
“Y”
designates hermetic* with interfacial seal
4. Shell Size
“20” designates shell size. Shell sizes 6 through 24 available.
5. Insert Arrangement - Refer to pages 4-10 for insert availability.
“20 - 41” designates insert arrangement. (The number following the hyphen is
the number only that is used in the part number).
6. Contacts
“P” designates pin contacts
“S” designates socket contacts
For ordering connectors with printed circuit board contacts, see pg. 19.
7. Insert Rotation - Refer to page 6.
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from “normal position.
No letter required for normal (no rotation) position.
8. “SR” designates a strain relief clamp.
Indicate optional finishes as follows:
(003) olive drab cadmium plate (standard on “PT”)
(100) Suffix added for flat eyelet pin contacts in hermetic versions
OR
RoHS Compliant finish suffix as follow:
(005) anodic coating - Alumilite® (standard on “SP”)
(023) electroless nickel
(025) black zinc cobalt plating
(072) conductive gray zinc nickel plating
(424) electroless nickel finish with strain relief
(470) black zinc cobalt plating
with strain relief
MS/PT
MIL-DTL-26482, Series 1
Part number MS3110E20-41PW is shown as follows:
MS
311
0
E
20 - 41
P
W
1
2
3
4
5
6
7
8
For Hermetic connectors part number MS3113H20Y-
41PW is shown as follows:
MS
311
3
H
20 Y 41
P
W
1
2
3
4
5, 6
7
8
See code below:
1. “MS” designates Military Standard
2. Specification Number
“311” designates basic family number for
MIL-DTL-26482, Series 1 solder type
3. Shell Style
“0” designates wall mounting receptacle
“1” designates cable connecting receptacle**
“2” designates box mounting receptacle
“3” designates solder mount receptacle
(hermetic only)
“4” designates jam nut receptacle
“6” designates straight plug
4. Service Class
“E” designates environmental resisting connector
“F” designates environmental resisting connectors
with strain relief
“J” designates clamp assembly for moisture proofing
multi-jacketed cables, with strain relief
“P” designates potted type with potting boot
“H” designates hermetic
5. Shell Size
“20” designates shell size. Shell sizes 8 through 24
available.
6. Insert Arrangement - Refer to pages 4-10 for insert
availability.
“20 - 41” designates arrangement. (The number
following the hyphen is the number only that is used in
the part number).
Hermetic version
“20Y41” designates insert arrangement; specify “Y” for
flat eyelet pin contacts, or “C” for solder cup pin
contacts
7. Contact Configuration
“P” designates pin contacts
“S” designates socket contacts
8. Insert Rotation- Refer to page 6.
“W”, “X”, “Y”, “Z” designate that insert is rotated in it
shell from “normal” position. No letter require fo normal
(no rotation) position.
* Hermetic connectors are supplied with tin plated shells.
** This connector style is sometimes referred to as a cable
connecting “plug”. It does, however, mate with either a straight or
90 degree plug.
PT, SP, MS/PT
how to order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com