Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIO-CSJIN2 Datasheet(PDF) 47 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN2 Datasheet(HTML) 47 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN2 Datasheet HTML 43Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 44Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 46Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 47Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 48Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 49Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 50Page - Amphenol Industrial Products Group. AIO-CSJIN2 Datasheet HTML 51Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
45
Coaxial Contacts
for miniature cylindrical connectors, cont.
Amphenol®Coaxial Contacts designed for use in Miniature Cylindrical Connectors
offer the same durability advantages and design benefits for reliable interconnection as the
Amphenol coax contacts used in high performance D38999 connectors. A variety of military and
commercial shielded cables are accommodated within the miniature cylindrical series.
Amphenol supplies coax contacts for solder and crimp SE connector styles.
Other features of the coax for miniature cylindricals include:
• Miniature coax design has an outside nut within the
assembly for fast, reliable assembly of contact to cable.
• All types feature solder style inner contacts and crimp
style outer contacts for reliable cable termination
• Miniature coax crimp type contacts are designed for use
in Miniature crimp series connectors
• Miniature coax solder type contacts are designed for
use in Miniature solder series connectors. These
come pre-installed into the solder connector.
TYPICAL ELECTRICAL PERFORMANCE
Size 8 and 12 Coax Contacts
Contact Resistance:
Center @ 1 Amp, 170 millivolts max. voltage drop @ 25°C
Outer @ 12 Amps, 150 millivolts max. voltage drop @ 25°C
Dielectric Withstanding Voltage:
Size 8: 1,300 VAC Rms @ sea level
Size 12: 1,000 VAC Rms @ sea level
Size 8 & 12: 250 VAC Rms @ 50,000 ft.
Insulation Resistance
5,000 megohms minimum @ 25°C
Typical VSWR for size 8 & 12 PT-SE Types II & III only:
1.2 + .12F (GHz) up to 10 GHz
EXPLANATION OF TYPE CLASSIFICATIONS:
PT-SE Type I is moisture seal design with internal O-ring.
PT-SE Type II is 50 ohm impedance matched version. Contacts
terminated to other than 50 ohm cables are therefore not matched.
PT-SE Type III is 50 ohm contact, non-serviceable after assembly.
Solders are non-impedance matched contacts.
CONTACT FINISHES:
Suffix Finish
1
0.00020 min. silver over copper flash
2
0.00005 min. gold (Knoop hardness 130-200) over silver
3
0.00010 min. gold (Knoop hardness 130-200) over silver
4
0.00010 min. gold (Knoop hardness 130-200) over copper
5
0.00005 min. gold (Knoop hardness 130-200) over nickel
E
0.00005 min. gold (Knoop hardness 90 max.) over copper
F
0.00005 min. gold (Knoop hardness 130-200) over copper
H
0.00010 min. gold (Knoop hardness 130-200) over copper
TYPICAL MINIATURE CRIMP COAX
SOCKET CONTACT has crimp socket outer
contact with a solder pin inner contact
TYPICAL MINIATURE CRIMP COAX PIN
CONTACT has crimp pin outer contact
with a solder socket inner contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com