Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSP1000 Datasheet(PDF) 1 Page - Star Micronics Co., Ltd.

Part # TSP1000
Description  Versatile Printer with Receipt/Ticket Stacker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARMICRONICS [Star Micronics Co., Ltd.]
Direct Link  https://starmicronics.com/
Logo STARMICRONICS - Star Micronics Co., Ltd.

TSP1000 Datasheet(HTML) 1 Page - Star Micronics Co., Ltd.

  TSP1000 Datasheet HTML 1Page - Star Micronics Co., Ltd. TSP1000 Datasheet HTML 2Page - Star Micronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TSP1000 is a specialty POS solution that offers truly
outstanding value, reliability, performance and quality.
The TSP1000 high capacity direct thermal printer offers
support for up to a 7” diameter paper roll that is ideal for
high volume applications. The integrated ticket/document
stacker aids in sorting multiple tickets/documents where
batch printing is required. With its small footprint, ease
of use and high throughput, the TSP1000 easily meets a
variety of ticketing application needs. Its low maintenance
and reliability make it the ticket printer of choice world-wide.
Perfect for lottery, airline ticketing, large events, ticketing,
industrial kitchens, bars and libraries.
(848) 216-3300 | www.starmicronics.com | sales@starmicronics.com
Features:
• High-Speed Output (180mm/s)
• Large Paper Roll Capacity (Up to 7” Diameter)
• Ticket Stacker Stacks Up to 30 Tickets
• “Drop-In and Print” Paper Loading
• On-the-Fly Maintenance (Change Cutter or Print Head
in Minutes)
• 45mm to 82.5mm Adjustable Paper Width
TSP1000
Versatile Printer with Receipt/Ticket Stacker
TSP1000


Similar Part No. - TSP1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSP1001H1001AUF VISHAY-TSP1001H1001AUF Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
TSP1001H1001BUF VISHAY-TSP1001H1001BUF Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
TSP1001H1001CUF VISHAY-TSP1001H1001CUF Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
TSP1001H1001DUF VISHAY-TSP1001H1001DUF Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
TSP1001H1001FUF VISHAY-TSP1001H1001FUF Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
More results

Similar Description - TSP1000

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
10-Dec-1997
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
DUAL UART WITH PARALLEL PRINTER PORT
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
NXP Semiconductors
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
logo
fujitsu semiconductor
FTP-639USL100-R FUJITSU-FTP-639USL100-R Datasheet
693Kb / 10P
24V driven receipt, ticket printer 3??KIOSK printer unit
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
DUAL UART WITH PARALLEL PRINTER PORT
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
logo
Rohm
KD2004-CAGW00A ROHM-KD2004-CAGW00A Datasheet
73Kb / 2P
For Receipt , Label Printers series
KD2008-CF16A ROHM-KD2008-CF16A Datasheet
114Kb / 2P
For Receipt , Label Printers series
logo
STMicroelectronics
STEVAL-IPC002V1 STMICROELECTRONICS-STEVAL-IPC002V1 Datasheet
179Kb / 7P
Thermal printer-based parking ticket vending machine
08-Mar-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com