Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBH14002-14P/CU/2 Datasheet(PDF) 1 Page - MALICO INC.

Part # MBH14002-14P/CU/2
Description  MALICO INC. [MALICO]^2806
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALICO [MALICO INC.]
Direct Link  https://www.malico.com/
Logo MALICO - MALICO INC.

MBH14002-14P/CU/2 Datasheet(HTML) 1 Page - MALICO INC.

  MBH14002-14P/CU/2 Datasheet HTML 1Page - MALICO INC. MBH14002-14P/CU/2 Datasheet HTML 2Page - MALICO INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CU1100
14mm*14mm
14mm
2.0mm
REDOX
14*14
Height:
Base(thickness):
3.Finsh:
Heat Source (L*W)
Model : MBH14002-14P/CU/2
BGA Heat Sink
1.Material:
2.Dimension:
Foot print:
0.00
0.03
0.06
0.09
0.12
0.15
4.00
4.50
5.00
5.50
6.00
6.50
100
200
300
400
500
600
700
800
Air Velocity (LFM)
Thermal resistance
Pressure drop


Similar Part No. - MBH14002-14P/CU/2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
logo
List of Unclassifed Man...
MBH10800 ETC-MBH10800 Datasheet
703Kb / 2P
Mini Braking High Power Resistors
logo
TOKO, Inc
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
AEC-Q200 Compliant
More results

Similar Description - MBH14002-14P/CU/2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
logo
AZ Displays
AGM2432B-FE-FBH-T AZDISPLAYS-AGM2432B-FE-FBH-T Datasheet
401Kb / 13P
AZ DISPLAYS, INC.
AGM2464DC AZDISPLAYS-AGM2464DC Datasheet
55Kb / 1P
AZ DISPLAYS, INC.
GD-269P AZDISPLAYS-GD-269P Datasheet
70Kb / 1P
AZ DISPLAYS, INC.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Davicom Semiconductor, ...
DM9051NP DAVICOM-DM9051NP Datasheet
87Kb / 1P
DAVICOM Semiconductor, Inc
logo
Pasternack Enterprises,...
PE33583 PASTERNACK-PE33583 Datasheet
269Kb / 1P
pasternack enterprises, inc.
PE33600 PASTERNACK-PE33600 Datasheet
103Kb / 1P
pasternack enterprises, inc.
PE33647LF PASTERNACK-PE33647LF Datasheet
134Kb / 1P
pasternack enterprises, inc.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com