Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC3RL02BYFPR.A Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC3RL02BYFPR.A
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02BYFPR.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC3RL02BYFPR.A Datasheet HTML 5Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 6Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 7Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 8Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 9Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 10Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 11Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 12Page - Texas Instruments CDC3RL02BYFPR.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
7 Detailed Description
7.1 Overview
The CDC3RL02 is a two-channel clock fan-out buffer and is designed for use in portable end-equipment, such
as mobile phones, that require clock buffering with minimal additive phase noise and fan-out capabilities. The
device buffers a single master clock, such as a temperature compensated crystal oscillator (TCXO) to multiple
peripherals. The device has two clock request inputs (CLK_REQ1 and CLK_REQ2), each of which enable a
single clock output.
The CDC3RL02 accepts square or sine waves at the master clock input (MCLK_IN), eliminating the need
for an AC coupling capacitor. The smallest acceptable sine wave is a 0.3V signal (peak-to-peak). CDC3RL02
is designed to offer minimal channel-to-channel skew, additive output jitter, and additive phase noise. The
adaptive clock output buffers offer controlled slew-rate over a wide capacitive loading range which minimizes
EMI emissions, maintains signal integrity, and minimizes ringing caused by signal reflections on the clock
distribution lines.
The CDC3RL02 has an integrated Low-Drop-Out (LDO) voltage regulator which accepts input voltages from
2.3V to 5.5V and outputs 1.8V, 50mA. This 1.8V supply is externally available to provide regulated power to
peripheral devices such as a TCXO.
7.2 Functional Block Diagram
VBATT
GND
MCLK_IN
LDO
Switch/
Decoder
EN
VCC
VLDO
CLK_OUT1
CLK_REQ1
CLK_OUT2
CLK_REQ2
EN
VCC
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Low Additive Noise
The CDC3RL02 features –149dBc/Hz at 10kHz offset phase noise and 0.37ps (RMS) of output jitter, to provide
low noise buffered signals.
7.3.2 Regulated 1.8V Externally Available I/O Supply
The CDC3RL02 allows users to connect to the output of the internal LDO, for providing power to other ICs. For
more information, refer to LDO.
7.3.3 Ultra-Small 8-bump YFP 0.4mm Pitch WCSP Package
Using the ultra-small YFP package, the CDC3RL02 is very small and allows the device to be placed on a board
with minimum work.
www.ti.com
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com