Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC3RL02YFPR.A Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC3RL02YFPR.A
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02YFPR.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC3RL02YFPR.A Datasheet HTML 6Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 7Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 8Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 9Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 10Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 11Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 12Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 13Page - Texas Instruments CDC3RL02YFPR.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
7.4 Device Functional Modes
Table 7-1 is the function table for CDC3RL02.
Table 7-1. Function Table
INPUTS
OUTPUTS
CLK_REQ1(1)
CLK_REQ2(1)
MCLK_IN
CLK_OUT1
CLK_OUT2
L
L
X
L
L
L
H
CLK
L
CLK
H
L
CLK
CLK
L
H
H
CLK
CLK
CLK
(1)
If a CLK_OUT is always enabled, tying the CLK_REQ pin to an external 1.8V source (not VLDO) is acceptable.
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Input Clock Squarer
Figure 8-1 shows the input stage of the CDC3RL02. The input signal at MCLK_IN can be a square wave or
sine wave. CMCLK is an internal AC coupling capacitor that allows a direct connection from the TCXO to the
CDC3RL02 without an external capacitor.
MCLK _IN
C
MCLK
Figure 8-1. Input Stage With Internal AC Coupling Capacitor
Any external component added in the series path of the clock signal potentially adds phase noise and jitter. The
error source associated with the internal decoupling capacitor is included in the specification of the CDC3RL02.
The recommended clock frequency band of the CDC3RL02 is 10MHz to 80MHz for specified functionality. All
performance metrics are specified at 26MHz. The lowest acceptable sinusoidal signal amplitude is 0.8VPP for
specified performance. Amplitudes as low as 0.3VPP are acceptable but with reduced phase-noise and jitter
performance.
8.1.2 Output Stage
Each output drives 1.8V LVCMOS levels. Adaptive output buffers limit the rise/fall time of the output to within
1ns to 5ns with load capacitance between 10pF and 50pF. Fast slew rates introduce EMI into the system. Each
output buffer limits EMI by keeping the rise/fall time above 1ns. Slow rise/fall times can induce additive phase
noise and duty cycle errors in the load device. The output buffer limits these errors by keeping the rise/fall time
below 5ns. In addition, the output stage dynamically alters impedance based on the instantaneous voltage level
of the output. This dynamic change limits reflections keeping the output signal monotonic during transitions.
Each output is active low when not requested to avoid false clocking of the load device.
8.1.3 LDO
A low noise 1.8V LDO is integrated to provide the I/O supply for the output buffers. The LDO output is externally
available to power a clock source such as a TCXO. A clean supply is provided to the clock buffers and the clock
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com