Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCLVP1102 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCLVP1102
Description  CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP1102 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCLVP1102 Datasheet HTML 4Page - Texas Instruments CDCLVP1102 Datasheet HTML 5Page - Texas Instruments CDCLVP1102 Datasheet HTML 6Page - Texas Instruments CDCLVP1102 Datasheet HTML 7Page - Texas Instruments CDCLVP1102 Datasheet HTML 8Page - Texas Instruments CDCLVP1102 Datasheet HTML 9Page - Texas Instruments CDCLVP1102 Datasheet HTML 10Page - Texas Instruments CDCLVP1102 Datasheet HTML 11Page - Texas Instruments CDCLVP1102 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CDCLVP1102
SCAS884D – AUGUST 2009 – REVISED DECEMBER 2015
www.ti.com
6.8 Electrical Characteristics: LVPECL Output
at VCC = 3.0 V to 3.6 V and TA = –40°C to 85°C and TPCB ≤ 105°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA ≤ 85ºC
VCC – 1.26
VCC – 0.9
V
VOH
Output high voltage
TPCB ≤ 105ºC
VCC – 1.26
VCC – 0.85
V
TA ≤ 85ºC
VCC – 1.7
VCC – 1.3
V
VOL
Output low voltage
TPCB ≤ 105ºC
VCC – 1.7
VCC – 1.3
V
Differential output peak-peak
VOUT, DIFF, PP
fIN ≤ 2 GHz
0.65
1.35
V
voltage
VAC_REF
Input bias voltage
IAC_REF = 2 mA
VCC – 1.6
VCC – 1.1
V
VIN, DIFF, PP = 0.1 V
450
ps
tPD
Propagation delay
VIN, DIFF, PP = 0.3 V
450
ps
tSK,PP
Part-to-part skew
100
ps
tSK,O
Output skew
10
ps
Pulse skew (with 50% duty cycle
Crossing-point-to-crossing-point
tSK,P
–50
50
ps
input)
distortion, fOUT = 100 MHz
fOUT = 100 MHz, VIN,SE = VCC,
0.081
Vth = 1.65 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,SE = 0.9 V,
0.097
Vth = 1.1 V, 10 kHz to 20 MHz
fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V,
Random additive jitter (with 50%
0.050
tRJIT
VICM = 1 V, 10 kHz to 20 MHz
ps, RMS
duty cycle input)
fOUT = 100 MHz, VIN,DIFF,PP = 0.15
V,
0.098
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,DIFF,PP = 1 V,
0.095
VICM = 1 V, 10 kHz to 20 MHz
tR/tF
Output rise/fall time
20% to 80%
200
ps
Outputs unterminated,
33
mA
TA ≤ 85ºC
IEE
Supply internal current
Outputs unterminated,
34
mA
TPCB ≤ 105ºC
All outputs terminated, 50
Ω to
VCC – 2,
100
mA
TA ≤ 85ºC
ICC
Output and internal supply current
All outputs terminated, 50
Ω to
VCC – 2,
105
mA
TPCB ≤ 105ºC
(1)
Figure 8 and Figure 9 show DC and AC test setup.
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: CDCLVP1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com