Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD13383F4.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD13383F4.B
Description  CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13383F4.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD13383F4.B Datasheet HTML 1Page - Texas Instruments CSD13383F4.B Datasheet HTML 2Page - Texas Instruments CSD13383F4.B Datasheet HTML 3Page - Texas Instruments CSD13383F4.B Datasheet HTML 4Page - Texas Instruments CSD13383F4.B Datasheet HTML 5Page - Texas Instruments CSD13383F4.B Datasheet HTML 6Page - Texas Instruments CSD13383F4.B Datasheet HTML 7Page - Texas Instruments CSD13383F4.B Datasheet HTML 8Page - Texas Instruments CSD13383F4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
1 Features
• Low on-resistance
• Ultra low Qg and Qgd
• Ultra-small footprint (0402 case size)
– 1.0 mm × 0.6 mm
• Low profile
– 0.36 mm height
• Integrated ESD protection diode
– Rated >2 kV HBM
– Rated >2 kV CDM
• Lead and halogen free
• RoHS compliant
2 Applications
• Optimized for load switch applications
• Optimized for general purpose Switching
Applications
• Single-cell battery applications
• Handheld and mobile applications
3 Description
This 37 mΩ, 12 V N-channel FemtoFET™ MOSFET
technology is designed and optimized to minimize the
footprint in many handheld and mobile applications.
This technology is capable of replacing standard
small signal MOSFETs while providing at least a 60%
reduction in footprint size.
.
.
1.00 mm
0.36 mm
0.60 mm
Figure 3-1. Typical Part Dimensions
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
12
V
Qg
Gate Charge Total (4.5 V)
2.0
nC
Qgd
Gate Charge Gate-to-Drain
0.6
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 2.5 V
53
mΩ
VGS = 4.5 V
37
VGS(th)
Threshold Voltage
1.0
V
.
Ordering Information
DEVICE(1)
QTY
MEDIA
PACKAGE
SHIP
CSD13383F4
3000
7-Inch
Reel
Femto (0402) 1.0 mm ×
0.6 mm SMD Lead Less
Tape and
Reel
CSD13383F4T
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
12
V
VGS
Gate-to-Source Voltage
±10
V
ID
Continuous Drain Current(1)
2.9
A
IDM
Pulsed Drain Current(1) (2)
18.5
A
IG
Continuous Gate Clamp Current
25
mA
Pulsed Gate Clamp Current(1) (2)
250
PD
Power Dissipation
500
mW
ESD
Rating
Human Body Model (HBM)
2
kV
Charged Device Model (CDM)
2
kV
TJ,
Tstg
Operating Junction Temperature
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, single pulse ID = 6.7,
L = 0.1 mH, RG = 25 Ω
2.2
mJ
(1)
Typical RθJA = 250°C/W.
(2)
Pulse duration ≤100 μs, duty cycle ≤1%.
D
G
S
Figure 3-2. Top View
CSD13383F4
SLPS517C – DECEMBER 2014 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD13383F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
N-Channel FemtoFET MOSFET
CSD13383F4T TI1-CSD13383F4T Datasheet
764Kb / 13P
N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results

Similar Description - CSD13383F4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com