Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KB207 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # KB207
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KB207 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KB207 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KB207 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KB201 THRU KB207
Features
Mechanical Data
· Glass Passivated Die Construction
· Diffused Junction
· Low Forward Voltage Drop, High Current Capability
· Surge Overload Rating to 60A Peak
· Ideal for Printed Circuit Boards
· Case to Terminal Isolation Voltage 1500V
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : WOB Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : As Marked on Case
· Weight : 1.3 grams (approx.)
· Mounting Position : Any
· Marking : Type Number
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 2.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Thermal resistance from junction to case mounted in PC board with 13 x 13mm (0.03mm thick) land areas.
(2) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectified Output Current
@ TA=25
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load per element (JEDEC method)
Volts
Forward Voltage (per element)
@ IF=2.0 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.1
VFM
VR(RMS)
2.0
Amps
60
IFSM
Tj
TSTG
500
-65 to +150
Amps
Peak Reverse Current at Rated
DC Blocking Voltage
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
KB201 KB202 KB203 KB204 KB205 KB206 KB207
35
5.0
16
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
℃/W
pF
Io
IRM
Cj
JC
@ TA=25℃
@ TA=125℃
Typical Thermal Resistance Junction to Case
40
WOB
Dim
Min
Max
A
8.84
9.86
B
4.00
4.60
C
27.90
D
25.40
E
0.71
0.81
G
4.60
5.60
A ll Dimens ions in mm
A
B
D
E
G
G
C
+
-
+
-
μA


Similar Part No. - KB207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KB2075 ETC2-KB2075 Datasheet
62Kb / 1P
WIRE WRAPPING BITS & SLEEVES
logo
Jonard Tools.
KB2075 JONARD-KB2075 Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
More results

Similar Description - KB207

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP201 DAESAN-KBP201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201 DAESAN-FR201 Datasheet
216Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201G DAESAN-FR201G Datasheet
274Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RS201 DAESAN-RS201 Datasheet
255Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com