Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3D Datasheet(PDF) 26 Page - Texas Instruments

Part # CSD87331Q3D
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D Datasheet(HTML) 26 Page - Texas Instruments

Back Button CSD87331Q3D Datasheet HTML 19Page - Texas Instruments CSD87331Q3D Datasheet HTML 20Page - Texas Instruments CSD87331Q3D Datasheet HTML 21Page - Texas Instruments CSD87331Q3D Datasheet HTML 22Page - Texas Instruments CSD87331Q3D Datasheet HTML 23Page - Texas Instruments CSD87331Q3D Datasheet HTML 24Page - Texas Instruments CSD87331Q3D Datasheet HTML 25Page - Texas Instruments CSD87331Q3D Datasheet HTML 26Page - Texas Instruments CSD87331Q3D Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.34)
2X (0.65)
6X (0.65)
(3.05)
(R0.05) TYP
6X (0.34)
(0.22)
6X (0.65)
4X (0.22)
4X (0.36)
2X (1.63)
2X
(1.19)
2X
(0.695)
2X (1.18)
2X (3.34)
LSON-CLIP - 1.55 mm max height
DQZ0008A
PLASTIC SMALL OUTLINE - NO LEAD
4229809/A 07/2023
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 9
76% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
PKG
1
4
5
8
PKG
METAL
TYP
9
METAL UNDER
SOLDER MASK
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com