Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3DG4.B Datasheet(PDF) 13 Page - Texas Instruments

Part # CSD87331Q3DG4.B
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3DG4.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD87331Q3DG4.B Datasheet HTML 9Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 10Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 11Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 12Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 13Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 14Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 15Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 16Page - Texas Instruments CSD87331Q3DG4.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
CSD87331Q3D
www.ti.com
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
6.2 Typical Application
Figure 32. Typical Application
6.2.1 Calculating Power Loss and SOA
The user can estimate product loss and SOA boundaries by arithmetic means (see Design Example section).
Though the power loss and SOA curves in this data sheet are taken for a specific set of test conditions, the
following procedure will outline the steps the user should take to predict product performance for any set of
system conditions.
6.2.1.1 Design Example
Operating conditions:
•
Output current = 10 A
•
Input voltage = 10 V
•
Output voltage = 1 V
•
Switching frequency = 1000 kHz
•
Inductor = 0.4 µH
6.2.1.2 Calculating Power Loss
•
Power loss at 10 A = 1.8 W (Figure 1)
•
Normalized power loss for input voltage
≈ 1 (Figure 7)
•
Normalized power loss for output voltage
≈ 0.95 (Figure 8)
•
Normalized power loss for switching frequency
≈ 1.15 (Figure 6)
•
Normalized power loss for output inductor
≈ 1.04 (Figure 9)
•
Final calculated power loss = 1.8 W × 1.0 × 0.95 × 1.15 × 1.04
≈ 2.05 W
6.2.1.3 Calculating SOA Adjustments
•
SOA adjustment for input voltage
≈ 0.1°C (Figure 7)
•
SOA adjustment for output voltage
≈ –1.3°C (Figure 8)
•
SOA adjustment for switching frequency
≈ 4.2°C (Figure 6)
•
SOA adjustment for output inductor
≈ 1°C (Figure 9)
•
Final calculated SOA adjustment = 0.1 + (–1.3) + 4.2 + 1
≈ 4.8°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com