Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3DT Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD87331Q3DT
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3DT Datasheet(HTML) 1 Page - Texas Instruments

  CSD87331Q3DT Datasheet HTML 1Page - Texas Instruments CSD87331Q3DT Datasheet HTML 2Page - Texas Instruments CSD87331Q3DT Datasheet HTML 3Page - Texas Instruments CSD87331Q3DT Datasheet HTML 4Page - Texas Instruments CSD87331Q3DT Datasheet HTML 5Page - Texas Instruments CSD87331Q3DT Datasheet HTML 6Page - Texas Instruments CSD87331Q3DT Datasheet HTML 7Page - Texas Instruments CSD87331Q3DT Datasheet HTML 8Page - Texas Instruments CSD87331Q3DT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
0
5
10
15
48
56
64
72
80
88
96
0
1
2
3
4
5
6
Output Current (A)
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 1.0µH
fSW = 500kHz
TA = 25ºC
P0116-01
1
2
3
V
SW
V
SW
V
SW
4
B
G
5
T
GR
6
T
G
P
GND
(Pin9)
7
V
IN
8
V
IN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD87331Q3D
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
CSD87331Q3D Synchronous Buck NexFET™ Power Block
1
1 Features
1
•
Half-Bridge Power Block
•
Up to 27-V VIN
•
Up to 15-A Operation
•
91% System Efficiency at 10 A
•
High-Frequency Operation (up to 1.5 MHz)
•
High Density SON 3.3-mm × 3.3-mm Footprint
•
Optimized for 5-V Gate Drive
•
Low-Switching Losses
•
Ultra-Low-Inductance Package
•
RoHS Compliant
•
Halogen Free
•
Lead-Free Terminal Plating
2 Applications
•
Synchronous Buck Converters
–
High-Frequency Applications
–
High-Current, Low-Duty Cycle Applications
•
Multiphase Synchronous Buck Converters
•
POL DC-DC Converters
•
IMVP, VRM, and VRD Applications
3 Description
The CSD87331Q3D NexFET™ power block is an
optimized design for synchronous buck applications
offering
high-current,
high-efficiency,
and
high-
frequency capability in a small 3.3-mm × 3.3-mm
outline. Optimized for 5-V gate drive applications, this
product offers a flexible solution capable of offering a
high-density power supply when paired with any 5-V
gate drive from an external controller/driver.
Top View
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD87331Q3D
13-Inch Reel
2500
SON
3.30-mm × 3.30-mm
Plastic Package
Tape
and
Reel
CSD87331Q3DT
7-Inch Reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Circuit
Typical Power Block Efficiency
and Power Loss


Similar Part No. - CSD87331Q3DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87331Q3DT TI2-CSD87331Q3DT Datasheet
885Kb / 27P
CSD87331Q3D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
More results

Similar Description - CSD87331Q3DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87353Q5D TI-CSD87353Q5D Datasheet
777Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87331Q3D TI1-CSD87331Q3D Datasheet
872Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
Synchronous Buck NexFET Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com