Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSEMIPACK2 Datasheet(PDF) 1 Page - Semikron International

Part # TPSEMIPACK2
Description  Pre applied phase change material HALA TPC-V-PC-P-HT (silicone free)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

TPSEMIPACK2 Datasheet(HTML) 1 Page - Semikron International

  TPSEMIPACK2 Datasheet HTML 1Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TP(HALA HT) SEMIPACK 2
© by SEMIKRON
Rev. 1.0 – 22.10.2018
1
inhomog. honeycomb structure
Pre applied phase change
material HALA
TPC-V-PC-P-HT (silicone
free)
TP(HALA HT) SEMIPACK 2
Features
• Inhomogeneous honeycomb structure
• Optimized layer thickness
• Enhanced heat dissipation
• High process reliability due to
automated screen/stencil printing
process
• Phase Change Material
Remarks
• In general storage under 1K3 conditions
with extended temperature range
*IMPORTANT INFORMATION AND WARNINGS
The specifications of SEMIKRON products may not be considered as guarantee or assurance
of product characteristics ("Beschaffenheitsgarantie"). The specifications of SEMIKRON
products describe only the usual characteristics of products to be expected in typical
applications, which may still vary depending on the specific application. Therefore, products
must be tested for the respective application in advance. Application adjustments may be
necessary. The user of SEMIKRON products is responsible for the safety of their applications
embedding SEMIKRON products and must take adequate safety measures to prevent the
applications from causing a physical injury, fire or other problem if any of SEMIKRON products
become faulty. The user is responsible to make sure that the application design is compliant
with all applicable laws, regulations, norms and standards. Except as otherwise explicitly
approved by SEMIKRON in a written document signed by authorized representatives of
SEMIKRON, SEMIKRON products may not be used in any applications where a failure of the
product or any consequences of the use thereof can reasonably be expected to result in
personal injury. No representation or warranty is given and no liability is assumed with respect
to the accuracy, completeness and/or use of any information herein, including without limitation,
warranties of non-infringement of intellectual property rights of any third party. SEMIKRON
does not assume any liability arising out of the applications or use of any product; neither does
it convey any license under its patent rights, copyrights, trade secrets or other intellectual
property rights, nor the rights of others. SEMIKRON makes no representation or warranty of
non-infringement or alleged non-infringement of intellectual property rights of any third party
which may arise from applications. Due to technical requirements our products may contain
dangerous substances. For information on the types in question please contact the nearest
SEMIKRON sales office. This document supersedes and replaces all information previously
supplied and may be superseded by updates. SEMIKRON reserves the right to make changes.
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Characteristics of printing process
wtp
material weight
155
175
195
mg
Storage conditions
tstg
storage time
12
month
Tstg
storage temperature
-25
60
°C
RHstg
storage humidity
10
85
%
TIM material characteristic
γtp
specific gravity
2
g/cm3
Rtp
resistivity
>50*106
Ω/cm
λtp
thermal conductivity
3
W/
(K*m)


Similar Part No. - TPSEMIPACK2

ManufacturerPart #DatasheetDescription
logo
Semikron International
TPSEMITOP2 SEMIKRON-TPSEMITOP2 Datasheet
58Kb / 1P
Pre applied thermal paste Wacker P12 (silicone based)
Rev. 0 - 19.08.2011
TPSEMITOP3 SEMIKRON-TPSEMITOP3 Datasheet
60Kb / 1P
Pre applied thermal paste Wacker P12 (silicone based)
Rev. 0 - 19.08.2011
TPSEMITOP4 SEMIKRON-TPSEMITOP4 Datasheet
60Kb / 1P
Pre applied thermal paste Wacker P12 (silicone based)
Rev. 0 - 30.06.2014
TPSEMITRANS10 SEMIKRON-TPSEMITRANS10 Datasheet
69Kb / 1P
Pre applied phase change material HALA TPC-V-PC-P-HT (silicone free)
Rev. 1.0 - 05.03.2018
TPSEMITRANS2 SEMIKRON-TPSEMITRANS2 Datasheet
69Kb / 1P
Pre applied phase change material HALA TPC-V-PC-P-HT (silicone free)
Rev. 1.0 - 22.10.2018
More results

Similar Description - TPSEMIPACK2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP0001 ETC2-LP0001 Datasheet
176Kb / 1P
Thermal interface phase change material
LP0002 ETC2-LP0002 Datasheet
224Kb / 1P
Thermal interface phase change material
logo
Wurth Elektronik GmbH &...
402150101020 WURTH-402150101020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
402116101020 WURTH-402116101020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
402150403020 WURTH-402150403020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
402116302020 WURTH-402116302020 Datasheet
210Kb / 3P
WE-PCM Phase Change Material
001.000
logo
T-Global Technology
PCM20B TGLOBAL-PCM20B Datasheet
697Kb / 2P
Phase Change Material
PCM20G TGLOBAL-PCM20G Datasheet
680Kb / 2P
PCM20G Phase Change Material
PCM20P TGLOBAL-PCM20P Datasheet
670Kb / 2P
PCM20P Phase Change Material
PCM20Y TGLOBAL-PCM20Y Datasheet
680Kb / 2P
PCM20Y Phase Change Material
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com