Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY74FCT2245ATSOC Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT2245ATSOC
Description  8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT2245ATSOC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT2245ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 8Page - Texas Instruments CY74FCT2245ATSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY74FCT2245T
8-BIT TRANSCEIVER
WITH 3-STATE OUTPUTS
SCCS037B – JULY 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Function and Pinout Compatible With FCT
and F Logic
D 25-Ω Output Series Resistors to Reduce
Transmission-Line Reflection Noise
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Fully Compatible With TTL Input and
Output Logic Levels
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D 12-mA Output Sink Current
15-mA Output Source Current
D 3-State Outputs
description
The CY74FCT2245T contains eight noninverting, bidirectional buffers with 3-state outputs intended for
bus-oriented applications. On-chip termination resistors at the outputs reduce system noise caused by
reflections. For this reason, the CY74FCT2245T can replace the CY74FCT245T in an existing design. The
CY74FCT2245T current-sinking capability is 12 mA at the A and B ports.
The transmit/receive (T/R) input determines the direction of data flow through the bidirectional transceiver.
Transmit (active high) enables data from A ports to B ports; receive (active low) enables data from B ports to
A ports. The output-enable (OE) input, when high, disables both the A and B ports by putting them in the
high-impedance state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
4.1
CY74FCT2245CTQCT
FCT2245
SOIC
SO
Tube
4.1
CY74FCT2245CTSOC
FCT2245
SOIC – SO
Tape and reel
4.1
CY74FCT2245CTSOCT
FCT2245
DIP – P
Tube
4.6
CY74FCT2245ATPC
74FCT2245ATPC
40
°Cto85°C
QSOP – Q
Tape and reel
4.6
CY74FCT2245ATQCT
FCT2245A
–40
°C to 85°C
SOIC
SO
Tube
4.6
CY74FCT2245ATSOC
FCT2245A
SOIC – SO
Tape and reel
4.6
CY74FCT2245ATSOCT
FCT2245A
QSOP – Q
Tape and reel
7.0
CY74FCT2245TQCT
FCT2245
SOIC
SO
Tube
7.0
CY74FCT2245TSOC
FCT2245
SOIC – SO
Tape and reel
7.0
CY74FCT2245TSOCT
FCT2245
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B2
B3
B4
B5
B6
B7
P, Q, OR SO PACKAGE
(TOP VIEW)


Similar Part No. - CY74FCT2245ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2245ATSOC TI-CY74FCT2245ATSOC Datasheet
66Kb / 7P
8-Bit Transceiver
CY74FCT2245ATSOC TI1-CY74FCT2245ATSOC Datasheet
1,016Kb / 18P
8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2245ATSOCT TI-CY74FCT2245ATSOCT Datasheet
66Kb / 7P
8-Bit Transceiver
CY74FCT2245ATSOCT TI1-CY74FCT2245ATSOCT Datasheet
1,016Kb / 18P
8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT2245ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
16-Bit Transceiver with 3-STATE Outputs
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
16-Bit Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Texas Instruments
CY74FCT2543ATQCTE4 TI-CY74FCT2543ATQCTE4 Datasheet
619Kb / 14P
8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Texas Instruments
CY74FCT652T TI1-CY74FCT652T_14 Datasheet
624Kb / 16P
8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2245T TI1-CY74FCT2245T_16 Datasheet
1,016Kb / 18P
8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com