Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7573IPW.B Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7573IPW.B
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7573IPW.B Datasheet(HTML) 2 Page - Texas Instruments

  DAC7573IPW.B Datasheet HTML 1Page - Texas Instruments DAC7573IPW.B Datasheet HTML 2Page - Texas Instruments DAC7573IPW.B Datasheet HTML 3Page - Texas Instruments DAC7573IPW.B Datasheet HTML 4Page - Texas Instruments DAC7573IPW.B Datasheet HTML 5Page - Texas Instruments DAC7573IPW.B Datasheet HTML 6Page - Texas Instruments DAC7573IPW.B Datasheet HTML 7Page - Texas Instruments DAC7573IPW.B Datasheet HTML 8Page - Texas Instruments DAC7573IPW.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
www.ti.com
3
A3
A2
A1
1
2
3
4
5
6
7
8
16
15
14
1
12
11
10
9
VOUTA
VOUTB
VREFH
VDD
VREFL
GND
VOUTC
VOUTD
A0
IOVDD
SDA
SCL
LDAC
DAC7573
ABSOLUTE MAXIMUM RATINGS
(1)
DAC7573
SLAS398 – SEPTEMBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
SPECIFICATION
PACKAGE
ORDERING
TRANSPORT MEDIA
DRAWING
TEMPERATURE
MARKING
NUMBER
NUMBER
RANGE
DAC7573
16-TSSOP
PW
–40
°C TO +105°C
D7573I
DAC7573IPW
90 Piece Tube
DAC7573IPWR
2000 Piece Tape and Reel
PW PACKAGE
PIN DESCRIPTIONS
(TOPVIEW)
PIN
NAME
DESCRIPTION
1
VOUTA Analog output voltage from DAC A
2
VOUTB Analog output voltage from DAC B
3
VREFH Positive reference voltage input
4
VDD
Analog voltage supply input
5
VREFL
Negative reference voltage input
Ground reference point for all circuitry on the
6
GND
part
7
VOUTC Analog output voltage from DAC C
8
VOUTD Analog output voltage from DAC D
9
LDAC
H/W synchronous VOUT update
10
SCL
Serial clock input
11
SDA
Serial data input
12
IOVDD I/O voltage supply input
13
A0
Device address select - I2C
14
A1
Device address select - I2C
15
A2
Device address select - Extended
16
A3
Device address select - Extended
VDD to GND
–0.3 V to +6 V
Digital input voltage to GND
–0.3 V to VDD + 0.3 V
VOUT to GND
–0.3 V to VDD + 0.3 V
Operating temperature range
–40
°C to +105°C
Storage temperature range
–65
°C to +150°C
Junction temperature range (TJ max)
+150
°C
Power dissipation:
Thermal impedance (
ΘJA)
161
°C/W
Thermal impedance (
ΘJC)
29
°C/W
Lead temperature, soldering:
Vapor phase (60s)
215
°C
Infrared (15s)
220
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com