Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7565 Datasheet(PDF) 32 Page - Texas Instruments

Part # DAC7565
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7565 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC7565 Datasheet HTML 28Page - Texas Instruments DAC7565 Datasheet HTML 29Page - Texas Instruments DAC7565 Datasheet HTML 30Page - Texas Instruments DAC7565 Datasheet HTML 31Page - Texas Instruments DAC7565 Datasheet HTML 32Page - Texas Instruments DAC7565 Datasheet HTML 33Page - Texas Instruments DAC7565 Datasheet HTML 34Page - Texas Instruments DAC7565 Datasheet HTML 35Page - Texas Instruments DAC7565 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
DAC8165
SBAS409B
– FEBRUARY 2008 – REVISED MARCH 2011
www.ti.com
Example 3: Power-Down DAC A and DAC B to 1k
Ω and Power-Down DAC C and DAC D to 100kΩ
Simultaneously
•
1st: Write power-down command to data buffer A: DAC A to 1k
Ω.
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
0
0
1
0
1
X
X
X
•
2nd: Write power-down command to data buffer B: DAC B to 1k
Ω.
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
0
1
1
0
1
X
X
X
•
3rd: Write power-down command to data buffer C: DAC C to 100k
Ω.
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
1
0
1
1
0
X
X
X
•
4th: Write power-down command to data buffer D: DAC D to 100k
Ω and simultaneously update all DACs.
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
1
0
0
1
1
1
1
0
X
X
X
The DAC A, DAC B, DAC C, and DAC D analog outputs simultaneously power-down to each respective specified
mode upon completion of the fourth write sequence.
Example 4: Power-Down DAC A Through DAC D to High-Impedance Sequentially
•
1st: Write power-down command to data buffer A and load DAC A: DAC A output = Hi-Z:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
0
0
1
1
1
X
X
X
•
2nd: Write power-down command to data buffer B and load DAC B: DAC B output = Hi-Z:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
0
1
1
1
1
X
X
X
•
3rd: Write power-down command to data buffer C and load DAC C: DAC C output = Hi-Z:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
1
0
1
1
1
X
X
X
•
4th: Write power-down command to data buffer D and load DAC D: DAC D output = Hi-Z:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12-DB2
DB1-DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
1
1
1
1
1
X
X
X
The DAC A, DAC B, DAC C, and DAC D analog outputs sequentially power-down to high-impedance upon
completion of the first, second, third, and fourth write sequences, respectively.
32
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com