Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM82223-010 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM82223-010
Description  TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82223-010 Datasheet(HTML) 2 Page - STMicroelectronics

  AM82223-010 Datasheet HTML 1Page - STMicroelectronics AM82223-010 Datasheet HTML 2Page - STMicroelectronics AM82223-010 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT
f
= 2.2 − 2.3 GHz
PIN
= 2.0 W
VCC
= 24 V
9.0
W
ηcf = 2.2 − 2.3 GHz
PIN
= 2.0 W
VCC
= 24 V
40
%
PG
f
= 2.2 − 2.3 GHz
PIN
= 2.0 W
VCC
= 24 V
6.5
dB
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 5 mA
IE
= 0 mA
45
V
BVCER
IC
= 10 mA
RBE
= 10 Ω
45
V
BVEBO
IE
= 1 mA
IC
= 0 mA
3.5
V
ICBO
VCB
= 24 V
1
mA
hFE
VCE
= 5 V
IC
= 750 mA
20
300
DYNAMIC
AM82223-010
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com