Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD122DMYRG4.B Datasheet(PDF) 21 Page - Texas Instruments

Part # ESD122DMYRG4.B
Description  ESD122 2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD122DMYRG4.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button ESD122DMYRG4.B Datasheet HTML 17Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 18Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 19Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 20Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 21Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 22Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 23Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 24Page - Texas Instruments ESD122DMYRG4.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
3X
0.25
0.15
3X
0.25
0.15
1
2X 0.25
.046
-.004
0.4 MAX
B
0.7
0.5
A
1.4
1.2
(0.11) TYP
3X (0.075)
X2SON - 0.4 mm max height
DMY0003A
PLASTIC SMALL OUTLINE - NO LEAD
4223464/A 01/2017
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
2
3
0.1
C A B
0.05
C
PKG
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 12.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com