Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA129MDREP.A Datasheet(PDF) 7 Page - Texas Instruments

Part # INA129MDREP.A
Description  INA129-EP Precision, Low Power Instrumentation Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129MDREP.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA129MDREP.A Datasheet HTML 3Page - Texas Instruments INA129MDREP.A Datasheet HTML 4Page - Texas Instruments INA129MDREP.A Datasheet HTML 5Page - Texas Instruments INA129MDREP.A Datasheet HTML 6Page - Texas Instruments INA129MDREP.A Datasheet HTML 7Page - Texas Instruments INA129MDREP.A Datasheet HTML 8Page - Texas Instruments INA129MDREP.A Datasheet HTML 9Page - Texas Instruments INA129MDREP.A Datasheet HTML 10Page - Texas Instruments INA129MDREP.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
INA129-EP
www.ti.com
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ (unless otherwise noted)
TA = 25°C
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
G = 1
±0.05%
±0.1%
Overtemperature
±0.15%
G = 10
±0.02%
±0.5%
Gain error
Overtemperature
±0.65%
G = 100
±0.05%
±0.65%
Overtemperature
±1.1%
G = 1000
±0.5%
±2%
Gain vs temperature(2)
G = 1
±1
±10
ppm/°C
49.4-k
Ω
±25
±100
ppm/°C
resistance(2)(3)
VO = ±13.6 V,
±0.0001
±0.0018
G = 1
Overtemperature
±0.0035
G = 10
±0.0003
±0.0035
% of
Nonlinearity
Overtemperature
±0.0055
FSR
G = 100
±0.0005
±0.0035
Overtemperature
±0.0055
G = 1000
±0.001
See (4)
OUTPUT
(V+)
−
Positive
RL = 10 kΩ
(V+)
− 0.9
1.4
Voltage
V
(V
−) +
Negative
RL = 10 kΩ
(V
−) + 0.8
1.4
Load capacitance
1000
pF
stability
Short-circuit current
+6/
−15
mA
FREQUENCY RESPONSE
G = 1
1300
G = 10
700
Bandwidth,
−3 dB
kHz
G = 100
200
G = 1000
20
VO = ±10 V,
Slew rate
4
V/µs
G = 10
G = 1
7
G = 10
7
Settling time, 0.01%
µs
G = 100
9
G = 1000
80
Overload recovery
50% overdrive
4
µs
POWER SUPPLY
Voltage range
±2.25
±15
±18
V
VIN = 0 V
±700
±750
Current, total
µA
Overtemperature
±1200
TEMPERATURE RANGE
Specification
−55
125
°C
Operating
−55
125
°C
(2)
Specified by wafer test.
(3)
Temperature coefficient of the 49.4-k
Ω term in the gain equation.
(4)
Nonlinearity measurements in G = 1000 are dominated by noise. Typical nonlinearity is ±0.001%.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com