Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA006V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA006V1
Description  6W Non-isolated fly-back topology power supply with VIPer12AS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA006V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA006V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA006V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA006V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA006V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General circuit description
STEVAL-ISA006V1
2/5
1
General circuit description
The output of the converter is not isolated from the input. For this reason the reference ground
is common for an input and output connection terminal. The input capacitor C1 is charged from
the mains by single rectification consisting of diodes D1 and D2. Two diodes in series are used
for EMI reasons to sustain burst pulses of 2kV. Capacitor C1 together with capacitor C2 and
inductor L1 form an EMI filter. The DC voltage at C2 is then applied to the transformer primary
winding through the internal Power MOSFET switch of VIPer12 during the switching period ON
time. The snubber circuit consisting of resistor R3 and capacitor C6 reduces the voltage spike
across the transformer primary winding due to the parasitic leakage inductance. Through
rectifiers D4 and D5 and through smoothing capacitors C3 and C4, the power supply provides
two outputs from two transformer windings. The VIPer12AS is supplied by a 15V output voltage
through transistor Q2 and diode D7. The voltage feedback loop senses the 5V output through
resistor divider R5, R7. The control IC U2 compares the resistor divider output voltage to the
internal reference voltage of 2.5V and changes the cathode voltage accordingly to keep 5V
output stable. The FB pin current will decrease the peak primary current to reduce the power
delivered to the outputs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com