Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7340CDWR.B Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7340CDWR.B
Description  ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7340CDWR.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7340CDWR.B Datasheet HTML 4Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 5Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 6Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 7Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 8Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 9Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 10Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 11Page - Texas Instruments ISO7340CDWR.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6G – SEPTEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ISO734x
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
78.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
41
°C/W
RθJB
Junction-to-board thermal resistance
43
°C/W
ψJT
Junction-to-top characterization parameter
15.6
°C/W
ψJB
Junction-to-board characterization parameter
42.5
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
°C/W
7.5 Power Ratings
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF, Input a 12.5-MHz 50% duty cycle square wave
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
PD
Maximum power dissipation by both sides of ISO7340x
92
mW
PD1
Maximum power dissipation by side-1 of ISO7340x
24
PD2
Maximum power dissipation by side-2 of ISO7340x
68
PD
Maximum power dissipation by both sides of ISO7341x
102
mW
PD1
Maximum power dissipation by side-1 of ISO7341x
42
PD2
Maximum power dissipation by side-2 of ISO7341x
60
PD
Maximum power dissipation by both sides of ISO7342x
111
mW
PD1
Maximum power dissipation by side-1 of ISO7342x
55.5
PD2
Maximum power dissipation by side-2 of ISO7342x
55.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com