Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7177 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # VSC7177
Description  Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7177 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button VSC7177 Datasheet HTML 2Page - Maxim Integrated Products VSC7177 Datasheet HTML 3Page - Maxim Integrated Products VSC7177 Datasheet HTML 4Page - Maxim Integrated Products VSC7177 Datasheet HTML 5Page - Maxim Integrated Products VSC7177 Datasheet HTML 6Page - Maxim Integrated Products VSC7177 Datasheet HTML 7Page - Maxim Integrated Products VSC7177 Datasheet HTML 8Page - Maxim Integrated Products VSC7177 Datasheet HTML 9Page - Maxim Integrated Products VSC7177 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6 of 24
Revision 4.2
July 29, 2005
Confidential
VSC7177
Data Sheet
Sideband-Based Port Selection
External I/O pins are used to configure port connectivity when the sideband-based port selection modes are active.
The protocol-based port selection mode is disabled when sideband-based port selection modes are enabled.
There are two sideband-based port selection operating modes. One mode selects the active port connected to port 2
based on the logical value of the PORTSEL0 input. Port 0 is the active port connected to port 2 when PORTSEL0 is
LOW. Port 1 is the active port connected to port 2 when PORTSEL0 is HIGH. This level-sensitive sideband mode is
enabled when MODE1 is LOW and PORTSEL1 is LOW. Note that the requirement to have PORTSEL1 LOW in
level-sensitive sideband mode does not exist in the VSC7173 and VSC7175. For a complete list of differences
between the VSC7177 and the VSC7173 and the VSC7175, see “Pinout Differences Between VSC7177 and
VSC7173/VSC7175,” page 13.
The other sideband-based mode chooses the active port connected to port 2 when rising edge transitions are detected
on the PORTSEL0 and PORTSEL1 input pins. This edge-sensitive sideband-based mode is enabled when MODE1 is
HIGH. Port 0 is selected as the active port connected to port 2 when a rising edge transition is detected on
PORTSEL0. PORTSEL1 can be in a HIGH or LOW state during a transition of PORTSEL0. Port 1 is selected as the
active port when a rising edge transition is detected on PORTSEL1. PORTSEL0 can be in a HIGH or LOW state
during a transition of PORTSEL1. The VSC7177 grants access to the last PORTSELx signal that transitions from
LOW to HIGH.
To allow redundant hosts to access single-port drives in edge-sensitive sideband port selection mode, two inputs,
PORTSEL0 and PORTSEL1, control the multiplexer to the drive port and the enable signal to their output port.
Because of this, each host needs to gain control of the VSC7177 if the other host fails. It is assumed that if a host fails,
it will drive PORTSELx HIGH, LOW, or open, but that it will not be transitioning the signal. It is also assumed that
the two hosts have a host-to-host communication path that allows them to agree which host should access the drive at
any time. If the host at port 1 fails, the host at port 0 can regain access to the drive by first driving PORTSEL0 LOW,
then driving it HIGH. Essentially, the last host to transition its PORTSELx signal from LOW to HIGH is granted
access. This simple scheme ensures that a healthy host can always recover access to the drive at port 2 if the other host
fails.
Status Signals—Sideband Mode
The P0SLTD output reports the OOB status of port 1 (OOBPORT1) when the device is in level-sensitive sideband-
based port selection mode. The P0SLTD output indicates the active port when the device is in edge-sensitive
sideband-based port selection mode. P0SLTD is LOW when port 1 is active and HIGH when port 0 is active.
The OOBPORT0 output reports the state of the OOB detector from port 0’s input receiver. Table 2 contains a
summary of this information. For more information about the OOBPORT0 and OOBPORT1 signals, see “OOB
Transfer,” page 12.
Table 2. Output Status in Sideband Port Selection Mode
Sideband Port
Selection Mode
Port Connected
(to Port 2)
Output Pins
P0SLTD
OOBPORT0
Level-sensitive
Port 0 or 1
OOBPORT1
OOBPORT0
Edge-sensitive
Port 0
1
OOBPORT0
Edge-sensitive
Port 1
0
OOBPORT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com