Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS3103ADBTR Datasheet(PDF) 93 Page - Texas Instruments

Part # TAS3103ADBTR
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBTR Datasheet(HTML) 93 Page - Texas Instruments

Back Button TAS3103ADBTR Datasheet HTML 89Page - Texas Instruments TAS3103ADBTR Datasheet HTML 90Page - Texas Instruments TAS3103ADBTR Datasheet HTML 91Page - Texas Instruments TAS3103ADBTR Datasheet HTML 92Page - Texas Instruments TAS3103ADBTR Datasheet HTML 93Page - Texas Instruments TAS3103ADBTR Datasheet HTML 94Page - Texas Instruments TAS3103ADBTR Datasheet HTML 95Page - Texas Instruments TAS3103ADBTR Datasheet HTML 96Page - Texas Instruments TAS3103ADBTR Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
3−29
P
Reverb_max_CH2 + [(4096 * 5 * 2 * 2 * 2 * 3 * 3) B 3] * 1 + 1358
2
3
³ 1358
CASE 1: Maximum Length − One Reverb Delay Line
CH3
CH2
CH1
CH3
CH1
P
Delay_max_CH3 + [(4096 * 5 * 2 * 2 * 3 * 3 * 3) B 2] * 1 + 2038
CASE 2: Maximum Length − One Delay Line
P
Reverb_max_CH1, CH2, CH3 + |{[(4096 * 5 * 2 * 2 * 2) B 3] + 1361
2
3
³ 1361} B 3| + 453 2
3
* 1 + 452 2
3
³ 452
CASE 3: Maximum Length − Three Equal-Length Reverb Delay Lines
P
Delay_max_CH1, CH2, CH3 + |{[(4096 * 5 * 3 * 3 * 3) B 2] + 2041} B 3| * 1 + 679
1
3
³ 679
CASE 4: Maximum Length − Three Equal-Length Delay Lines
P
Delay Reverb_max_CH1, CH2, CH3 +
(4096
* 5) + 4091 + 3[2(D ) 1)] ) 3[3(R ) 1)] Where D and R + No. delay and reverb elements Channel
CASE 5: Maximum Length − Three Equal-Length Delay Lines and Three Equal-Length Reverb Delay Lines
Reserved
CH3
Reverb
CH2
CH1
CH2
CH1
Delay
L length
requires L + 1
delay elements
Reserved
Reverb
Delay
L length
requires L + 1
delay elements
Reserved
CH3
Delay
CH2
CH1
L length
requires L + 1
delay elements
Reserved
CH3
Reverb
CH2
CH1
L length
requires L + 1
delay elements
Reserved
No. 16-bit words
per delay element
3 Channels
L length
requires L + 1
delay elements
R takes
3
2
the memory D does, so there should be three D elements for every two R elements.
Therefore, D
+
3
2
R
4091
+ 3[2(
3
2
R
) 1)] ) 3[3(R ) 1)] ³ R + 226 4
9
³ 226
D
+
3
2
R
³ D + 339
Figure 3−20. Maximum Delay-Line Lengths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com