Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD1085D2T33R Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD1085D2T33R
Description  3 A low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T33R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD1085D2T33R Datasheet HTML 11Page - STMicroelectronics LD1085D2T33R Datasheet HTML 12Page - STMicroelectronics LD1085D2T33R Datasheet HTML 13Page - STMicroelectronics LD1085D2T33R Datasheet HTML 14Page - STMicroelectronics LD1085D2T33R Datasheet HTML 15Page - STMicroelectronics LD1085D2T33R Datasheet HTML 16Page - STMicroelectronics LD1085D2T33R Datasheet HTML 17Page - STMicroelectronics LD1085D2T33R Datasheet HTML 18Page - STMicroelectronics LD1085D2T33R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LD1085xx
Typical application
15/27
Figure 16.
Supply voltage rejection vs
frequency
Figure 17.
Supply voltage rejection vs
temperature
Figure 18.
Minimum load current vs
temperature
Figure 19.
Stability
Figure 20.
Stability
Figure 21.
Line transient
VI=12 to 13V, IO=200mA, CI = 1µF(tant), CO=10µF(tant),
CADJ=1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com