Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP242F Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TOP242F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242F Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TOP242F Datasheet HTML 14Page - Power Integrations, Inc. TOP242F Datasheet HTML 15Page - Power Integrations, Inc. TOP242F Datasheet HTML 16Page - Power Integrations, Inc. TOP242F Datasheet HTML 17Page - Power Integrations, Inc. TOP242F Datasheet HTML 18Page - Power Integrations, Inc. TOP242F Datasheet HTML 19Page - Power Integrations, Inc. TOP242F Datasheet HTML 20Page - Power Integrations, Inc. TOP242F Datasheet HTML 21Page - Power Integrations, Inc. TOP242F Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
TOP242-250
M
12/04
18
Typical Uses of MULTI-FUNCTION (M) Pin (cont.)
Figure 34. Externally Set Current Limit (Not Normally Required-See
M Pin Operation Description).
PI-2517-022604
DC
Input
Voltage
+
-
D
M
S
C
For RIL = 12 kΩ
ILIMIT = 69%
CONTROL
RIL
See Figures 54b, 55b
and 56b for other resistor
values (RIL) to select
different ILIMIT values.
For RIL = 25 kΩ
ILIMIT = 43%
PI-2518-040501
DC
Input
Voltage
+
-
D
M
S
C
CONTROL
RIL
RLS
2.5 M
Ω
6 k
Ω
100% @ 100 VDC
63% @ 300 VDC
ILIMIT =
ILIMIT =
Figure 35. Current Limit Reduction with Line Voltage (Not Normally
Required-See M Pin Operation Description).
Figure 36. Active-on (Fail Safe) Remote ON/OFF.
PI-2519-040501
DC
Input
Voltage
+
-
D
S
C
QR
ON/OFF
M
CONTROL
QR can be an optocoupler
output or can be replaced
by a manual switch.
47 k
Ω
PI-2522-040501
DC
Input
Voltage
+
-
D
S
C
RMC
45 k
Ω
M
CONTROL
QR
QR can be an optocoupler
output or can be replaced
by a manual switch.
ON/OFF
47 k
Ω
Figure 37. Active-off Remote ON/OFF. Maximum Duty Cycle
Reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com