Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD1085DT18R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD1085DT18R
Description  3 A low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085DT18R Datasheet(HTML) 5 Page - STMicroelectronics

  LD1085DT18R Datasheet HTML 1Page - STMicroelectronics LD1085DT18R Datasheet HTML 2Page - STMicroelectronics LD1085DT18R Datasheet HTML 3Page - STMicroelectronics LD1085DT18R Datasheet HTML 4Page - STMicroelectronics LD1085DT18R Datasheet HTML 5Page - STMicroelectronics LD1085DT18R Datasheet HTML 6Page - STMicroelectronics LD1085DT18R Datasheet HTML 7Page - STMicroelectronics LD1085DT18R Datasheet HTML 8Page - STMicroelectronics LD1085DT18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LD1085xx
Maximum ratings
5/27
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
30
V
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-55 to +150
°C
TOP
Operating junction temperature range
-40 to +125
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220
DPAK
D2PAK
D2PAK/A
Unit
RthJC
Thermal resistance junction-case
3
8
3
°C/W
RthJA
Thermal resistance junction-ambient
50
100
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com