Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM82731-050 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM82731-050
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82731-050 Datasheet(HTML) 2 Page - STMicroelectronics

  AM82731-050 Datasheet HTML 1Page - STMicroelectronics AM82731-050 Datasheet HTML 2Page - STMicroelectronics AM82731-050 Datasheet HTML 3Page - STMicroelectronics AM82731-050 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 2700 — 3100MHz PIN = 12.5W
VCC
= 40V
50
56
—
W
ηcf = 2700 — 3100MHz P
IN
= 12.5W
VCC
= 40V
30
35
—
%
GP
f
= 2700 — 3100MHz PIN = 12.5W
VCC
= 40V
6.0
6.5
—
dB
N ote:
Pul se Widt h
= 100µS
Duty Cycle
= 10%
STATIC
Symbol
Test Condi tions
Valu e
Unit
Min.
Typ.
Max.
BVCBO
IC
= 25mA
IE
= 0mA
55
—
—
V
BVEBO
IE
= 5mA
IC
= 0mA
3.5
—
—
V
BVCER
IC
= 25mA
RBE
= 10Ω
55
—
—
V
ICES
VCE
= 40V
—
—
20
mA
hFE
VCE
= 5V
IC
= 3A
30
———
DYNAMIC
TYPICAL PERFORMANCE
10
20
30
40
50
2.7
2.9
3.1
COLLECTOR EFFICIENCY vs FREQUENCY
C
O
L
L
E
C
T
O
R
E
F
F
I
C
I
E
N
C
Y
%
FREQUENCY
FREQUENCY
50 Watts Ouput
@ 100
µS 10% Pulse
VCC
= 40 Volts
Upper Window
Mean
Lower Window
COLLECTOR EFFICIENCY vs
FREQUENCY
39.5
38.0
36.4
4.00
5.00
6.00
7.00
8.00
2.7
2.9
3.1
GAIN vs FREQUENCY
G
A
I
N
d
B
FREQUENCY
FREQUENCY
50 Watts Output
@ 100
µS 10% Pulse
VCC
= 40 Volts
Upper Window
Mean
Lower Window
GAIN vs FREQUENCY
6.93
7.19
6.43
AM82731-050
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com