Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX34070T-H/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # LX34070T-H/ST
Description  High Speed Inductive Positions Sensor with Diff erential Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX34070T-H/ST Datasheet(HTML) 4 Page - Microchip Technology

  LX34070T-H/ST Datasheet HTML 1Page - Microchip Technology LX34070T-H/ST Datasheet HTML 2Page - Microchip Technology LX34070T-H/ST Datasheet HTML 3Page - Microchip Technology LX34070T-H/ST Datasheet HTML 4Page - Microchip Technology LX34070T-H/ST Datasheet HTML 5Page - Microchip Technology LX34070T-H/ST Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Click on a property to perform a parametric search for other products with that property.
Operating Temperature
-40C to 150C (Grade 0)
ISO26262 Support
ASIL C
Output Interface
SIN/COS
EEPROM Program
VIN, GPIO
Temperature Sensor
Yes
Operating Voltage Range
4.5V to 5.5V
Max Rated Voltage
18V
Reverse Voltage Rating
-18V
MaxRefreshRate
N/A
All Application Notes
Embedded Software
Overview
Features
Software
Development Environment
RoHS Information
Purchase



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com