Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC05RAF04ACL050PVC Datasheet(PDF) 8 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC05RAF04ACL050PVC
Description  M5 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC05RAF04ACL050PVC Datasheet(HTML) 8 Page - Bulgin Limited. All rights reserved.

  PXPPVC05RAF04ACL050PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC05RAF04ACL050PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC05RAF04ACL050PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC05RAF04ACL050PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC05RAF04ACL050PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC05RAF04ACL050PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC05RAF04ACL050PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC05RAF04ACL050PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Electrical:
Mechanical:
No. Poles
3
4
Locking mechanism
Screw coupling
Current Rating
1A
1A
Sealing
IP67
Voltage Rating (ac/dc)
60V 60V
Terminations:
Contact Resistance
<10mΩ
3 Pole
Single wire / PCB / Cable
Insulation Resistance
>100MΩ
4 Pole
Single wire / PCB / Cable
AC Breakdown Voltage
3 Pole
1.5KV
Mechanical Operation
500 mating cycles
4 Pole
1.5KV
Diameter over coupling ring 6.5mm
Operating Temp Range -25°C to 80°C
Materials:
Cable Connectors
Body
TPU / PVC
Coupling Nut
Nickel Plated Brass
Colour
Black
Pin Contacts
Brass, Gold plating
Socket Contacts
Phosphor Bronze, Gold plating
O Rings & Gaskets
Viton
RoHS
Compliant
Compliant
Brass, Gold plating
Viton
BUCCANEER
M5 Series
Panel Mount
Nickel Plated Brass
Grey
Nickel Plated Brass
Phosphor Bronze, Gold plating
MX
XXX
XX
XX
X
XX
X
XX
XXX
XXX
Series
Material
Series Size
Body Style
Orientation No. Contacts
Code
Termination
Lead Length
Cable Material
PXM
BNI = Brass Nickel
05
FB = Flex Body
M
03
A
PC = PCB
001
PUR
PXP
TPU = overmold for PUR
FI = Flex Inline Body
F
04
FL = Flying Lead
002
PVC
PVC = overmold for PVC
FP = Front Panel Mounting
CL = Cable
003
RP = Rear Panel Mounting
010
RA = Right Angle
020
030
050
100
150
M5 Buccaneer
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com