Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7641FCDWR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7641FCDWR.B
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FCDWR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7641FCDWR.B Datasheet HTML 2Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 3Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 4Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 5Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 6Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 7Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 8Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 9Page - Texas Instruments ISO7641FCDWR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
ISO76x1Fx
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
77.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
40.4
°C/W
RθJB
Junction-to-board thermal resistance
42.2
°C/W
ψJT
Junction-to-top characterization parameter
15
°C/W
ψJB
Junction-to-board characterization parameter
41.6
°C/W
(1)
VCCI = Input-side supply voltage; VCCO = Output-side supply voltage
7.5 Electrical Characteristics: VCC1 and VCC2 at 5 V ± 10%
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level output voltage
IOH = –4 mA; see Figure 16
VCCO
(1) – 0.8
4.8
VCCO – 0.8
4.7
V
IOH = –20 μA; see Figure 16
VCCO – 0.1
5
VCCO – 0.1
5
VOL
Low-level output voltage
IOL = 4 mA; see Figure 16
0.2
0.4
0.3 0.5
V
IOL = 20 μA; see Figure 16
0
0.1
0 0.1
VI(HYS)
Input threshold voltage
hysteresis
450
450
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
-10
μA
CMTI
Common-mode transient
immunity
VI = VCCI
(1) or 0 V; see Figure 19
25
75
25
75
kV/
μs
(1)
VCCI = Input-side supply voltage
7.6 Electrical Characteristics: VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10%
VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level output
voltage
IOH = –4 mA; see
Figure 16
OUTx on VCC1 (5 V) side
VCC1 – 0.8
4.8
VCC1 – 0.8
4.7
V
OUTx on VCC2 (3.3 V) side
VCC2 - 0.4
3
VCC2 - 0.6
2.9
IOH = –20 μA;
see Figure 16
OUTx on VCC1 (5 V) side
VCC1 – 0.1
5
VCC1 – 0.1
5
OUTx on VCC2 (3.3 V) side
VCC2 – 0.1
3.3
VCC2 – 0.1
3.3
VOL
Low-level output
voltage
IOL = 4 mA; see Figure 16
0.2
0.4
0.3
0.5
V
IOL = 20 μA; see Figure 16
0
0.1
0
0.1
VI(HYS)
Input threshold voltage
hysteresis
430
430
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
-10
μA
CMTI
Common-mode
transient immunity
VI = VCCI
(1) or 0 V; see Figure 19
25
50
25
50
kV/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com