Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2694MT/NOPB.A Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2694MT/NOPB.A
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2694MT/NOPB.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2694MT/NOPB.A Datasheet HTML 17Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 18Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 19Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 20Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 21Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 22Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 23Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 24Page - Texas Instruments LM2694MT/NOPB.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM2694MTX/NOPB
TSSOP
PW
14
2500
367.0
367.0
35.0
LM2694SD/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com